Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24128X-FCU6T/T Datasheet(PDF) 33 Page - STMicroelectronics

Part # M24128X-FCU6T/T
Description  128-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128X-FCU6T/T Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M24128X-FCU6T/T Datasheet HTML 27Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 28Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 29Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 30Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 31Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 32Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 33Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 34Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
List of tables
Table 1.
Signal names ...................................................................... 2
Table 2.
Signals vs. bump position .............................................................. 3
Table 3.
Chip enable register values ............................................................. 6
Table 4.
Device select code ................................................................... 8
Table 5.
Most significant address byte............................................................ 9
Table 6.
Least significant address byte ........................................................... 9
Table 7.
Address of the chip enable register ...................................................... 13
Table 8.
Absolute maximum ratings ............................................................ 18
Table 9.
Operating conditions ................................................................ 19
Table 10.
AC measurement conditions ........................................................... 19
Table 11.
Input parameters ................................................................... 19
Table 12.
Cycling performance ................................................................ 20
Table 13.
Memory cell data retention ............................................................ 20
Table 14.
DC characteristics .................................................................. 20
Table 15.
400 kHz AC characteristics (fast mode); ................................................... 21
Table 16.
1 MHz AC characteristics ............................................................. 22
Table 17.
Ultra thin WLCSP- 4-bump, 0.851 x 0.851 mm, wafer level chip scale package mechanical data ............ 26
Table 18.
Ultra thin WLCSP- 4-bump, 0.851 x 0.851 mm, with BSC, wafer level chip scale package mechanical data ..... 28
Table 19.
Ordering information scheme........................................................... 29
Table 20.
Document revision history ............................................................. 30
M24128X-FCU
List of tables
DS12680 - Rev 2
page 33/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com