Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24128X-FCU6T/T Datasheet(PDF) 25 Page - STMicroelectronics

Part # M24128X-FCU6T/T
Description  128-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128X-FCU6T/T Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M24128X-FCU6T/T Datasheet HTML 21Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 22Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 23Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 24Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 25Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 26Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 27Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 28Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
10
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
10.1
Ultra thin WLCSP4 package information
Figure 15. Ultra thin WLCSP- 4-bump, 0.851 x 0.851 mm, wafer level chip scale package outline
Wafer back side
Side view
Orientation
reference
(4X)
aaa
E
D
X
Y
Detail A
bbb Z
A2
A
Bump
A1
Z
Detail A
Rotated 90 °
eee Z
b (4X)
e1
G
G
F
e
Seating plane
Orientation
reference
X Y
Ø
ddd M
Z
Ø
ccc M
Z
F
1.
Drawing is not to scale.
2.
Primary datum Z and seating plane are defined by the spherical crowns of the bump.
M24128X-FCU
Package information
DS12680 - Rev 2
page 25/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com