Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24128X-FCU6T/T Datasheet(PDF) 27 Page - STMicroelectronics

Part # M24128X-FCU6T/T
Description  128-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128X-FCU6T/T Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M24128X-FCU6T/T Datasheet HTML 23Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 24Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 25Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 26Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 27Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 28Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 29Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 30Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Figure 16. Ultra thin WLCSP- 4-bump, 0.851 x 0.851 mm, with BSC, wafer level chip scale package outline
Wafer back side
Side view
Orientation
reference
(4X)
aaa
E
D
X
Y
Detail A
bbb Z
A2
A
Bump
A1
Z
Detail A
Rotated 90 °
eee Z
b (4X)
e1
G
G
F
e
Seating plane
Orientation
reference
X Y
Ø
ddd M
Z
Ø
ccc M
Z
F
Back side coating
thickness 0.025 mm
A3
1.
Drawing is not to scale.
2.
Primary datum Z and seating plane are defined by the spherical crowns of the bump.
M24128X-FCU
Ultra thin WLCSP4 package information
DS12680 - Rev 2
page 27/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com