Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2340APFPR Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2340APFPR
Description  DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2340APFPR Datasheet(HTML) 4 Page - Texas Instruments

  TPS2340APFPR Datasheet HTML 1Page - Texas Instruments TPS2340APFPR Datasheet HTML 2Page - Texas Instruments TPS2340APFPR Datasheet HTML 3Page - Texas Instruments TPS2340APFPR Datasheet HTML 4Page - Texas Instruments TPS2340APFPR Datasheet HTML 5Page - Texas Instruments TPS2340APFPR Datasheet HTML 6Page - Texas Instruments TPS2340APFPR Datasheet HTML 7Page - Texas Instruments TPS2340APFPR Datasheet HTML 8Page - Texas Instruments TPS2340APFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TPS2340A
SLUS528A – MARCH 2002 – REVISED AUGUST 2002
4
www.ti.com
electrical characteristics over recommended operating temperature range, P12VINA = P12VINB =
12 V, V5IN = 5 V, DIGVCC = 3.3 V, M12VINA = M12VINB = –12 V, 3VAUXI = 3.3 V, all outputs unloaded,
TA = TJ (unless otherwise noted) (continued)
noise filter
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Ignored spike from overcurrent
250
ns
Latched spike from overcurrent
500
ns
3.3 V AUX and PME
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3VAUXx overcurrent shutdown
0.95
1.15
1.40
A
3VAUXI to 3VAUXx on-resistance
I3VAUXx = –500 mA
300
425
m
Ω
3VAUXI undervoltage lockout
1.9
2.2
2.9
V
3VAUXx turn-on slew rate
1.6
3.3
V/ms
3VAUXx turn-on time from SWx
from SWx < 0.8 V,
C3VAUXx = 150 µF
3
5
ms
3VAUXx turn-off time from SWx
from SWx > 2.0 V
2.5
7.0
ms
3VAUXx turn-off time from Faultx
from 3VAUXx overcurrent fault detected
5
10
µs
PMEx turn-on time from 3VAUXx
from 3VAUXx > 3.0 V,
C3VAUXx = 150 µF
6
10
17
ms
PMEx turn-off time from SWx
from SWx > 2.0 V,
2
4
µs
PMEx turn-off time from Faultx
from 3VAUXx overcurrent fault detected
2
4
µs
PMEx switch on-resistance
from SWx < 0.8 V,
ID = 10 mA
TA = TJ = 25°C
5
10
Ω
ac switching characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fMAX operating clock frequency
0
≤ TA ≤ 70°C
0
10
MHz
SIDO tCO clock to output time
CL = 50 pF,
0
≤ TA ≤ 70°C
0
15
SIDI, SIL tSU setup to clock time
0
≤ TA ≤ 70°C
15
SODI, tSU setup to clock time
0
≤ TA ≤ 70°C
15
SODI, tH hold time
0
≤ TA ≤ 70°C
0
15
All outputs tCO clock to output time
BUSENx, SIDO: CL = 50 pF,
RESETx: CL = 35 pF,
All other outputs: CL = 25 pF,
0
≤ TA ≤ 70°C,
20
ns
Recommended input rise and fall times
10% to 90% of VCC, all digital inputs except
SWx, BUTTONx, PGOOD, PRSNT1x, and
PRSNT2x
0.2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com