Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2340APFPR Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2340APFPR
Description  DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2340APFPR Datasheet(HTML) 1 Page - Texas Instruments

  TPS2340APFPR Datasheet HTML 1Page - Texas Instruments TPS2340APFPR Datasheet HTML 2Page - Texas Instruments TPS2340APFPR Datasheet HTML 3Page - Texas Instruments TPS2340APFPR Datasheet HTML 4Page - Texas Instruments TPS2340APFPR Datasheet HTML 5Page - Texas Instruments TPS2340APFPR Datasheet HTML 6Page - Texas Instruments TPS2340APFPR Datasheet HTML 7Page - Texas Instruments TPS2340APFPR Datasheet HTML 8Page - Texas Instruments TPS2340APFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TPS2340A
SLUS528A – MARCH 2002 – REVISED AUGUST 2002
DUALSLOT PCI HOT PLUG
POWER CONTROLLER
1
www.ti.com
FEATURES
D 12-V, –12-V, 3.3-V, 5-V Main Power Switching
and Auxiliary 3.3-V Power Switching
D 12-V, –12-V And Auxiliary 3.3-V Power FETs
D Hot-Swap Protection and Control of All
Supplies
D Overcurrent Protection for All Supplies
D Isolation of Any Load Fault in One Slot from
Any Other Slot
D Undervoltage Monitoring for the Main 12-V,
3.3-V, 5-V and Auxiliary 3.3-V Supplies
D Power Fault Latching
D Overtemperature Shutdown
D Slot Status Readout with Open-Drain LED
Drivers
D Mechanical Switch Inputs for Attention
Request and Electrical Interlock
D Serial Interface for Power Control, Power
Status, Slot Control and Slot Status
D Compatible With 33-MHz, 66-MHz, and
133-MHz Bus Speeds
D Compliant To PCI And PCI-X Hot Plug
Specifications
D One TPS2340A Supports Two Slots
DESCRIPTION
The TPS2340A contains main supply power
control, auxiliary supply power control, power
FETs for 12 V, –12 V and auxiliary 3.3 V supplies,
and a serial interface for communications with and
control of slots. Each TPS2340A contains supply
control and switching for two slots.
The main power control circuits start with all
supplies off and hold all supplies off until power to
the TPS2340A is valid on all positive supplies.
When power is requested via the serial interface,
the control circuit applies constant current to the
gates of the power FETs, allowing each FET to
ramp load voltage linearly. Each supply can be
programmed for a desired ramp rate by selecting
a gate capacitor for the power FET for that supply.
The power control circuits also monitor load
current and latch off that slot if the load current
exceeds a programmed maximum value. In
addition, once the 12-V, the 5-V, and the 3.3-V
FETs are fully enhanced, the load voltage is
monitored.
If
load
voltage
drops
out
of
specification after these FETs are fully enhanced,
the slot latches off. This provides another level of
protection from load fault.
The auxiliary power control circuit switches,
ramps, and monitors 3.3-V auxiliary power to each
slot. The auxiliary control circuit also controls data
switches that connect slot interrupts (power
management event [PME] outputs) to the main
interrupt PME bus after 3.3-V auxiliary supply is
connected. PME is disconnected when a board is
turned off or faulted.
Each TPS2340A contains power FETs for 12 V at
500 mA, –12 V at 100 mA, and auxiliary 3.3 V at
375 mA for each slot. These power FETs are
short-circuit protected, slew rate controlled, and
over-temperature protected.
The serial interface communicates with a slot
controller using a synchronous serial protocol.
The interface communicates with the slot, status
LEDs, and mechanical switches with individual,
dedicated lines. The interface operates from 3.3-V
power but inputs are 5-V tolerant. Status LED
drivers are capable of driving 24-mA LEDs via
integrated open-drain MOSFETs. Mechanical
switch inputs have internal pull-up and hysteresis
buffers. The serial interface controls slot power,
bus connection, and LED outputs, and monitors
board capability, power fault, and switch input
status.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2002, Texas Instruments Incorporated


Similar Part No. - TPS2340APFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2341 TI-TPS2341 Datasheet
707Kb / 33P
DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER WITH I2C INTERFACE
TPS2341PHP TI-TPS2341PHP Datasheet
707Kb / 33P
DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER WITH I2C INTERFACE
TPS2341PHPR TI-TPS2341PHPR Datasheet
707Kb / 33P
DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER WITH I2C INTERFACE
TPS2342 TI-TPS2342 Datasheet
847Kb / 53P
DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2342 TI1-TPS2342 Datasheet
818Kb / 52P
DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
More results

Similar Description - TPS2340APFPR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2592B MICREL-MIC2592B Datasheet
1Mb / 31P
Dual-Slot PCI Express Hot-Plug Controller
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
Dual-Slot PCI Hot Plug Controller
Apr-2004
logo
Micrel Semiconductor
MIC2591B MICREL-MIC2591B Datasheet
1Mb / 34P
Dual-Slot PCI Express Hot-Plug Controller
MIC2341 MICREL-MIC2341 Datasheet
1Mb / 32P
Dual-Slot PCI Express Hot-Plug Controller
MIC2342 MICREL-MIC2342 Datasheet
1Mb / 32P
Dual-Slot PCI Express짰 Hot-Plug Controller
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
Dual-Slot PCI Hot Plug Controller
MIC2592B MICREL-MIC2592B_05 Datasheet
1Mb / 31P
Dual-Slot PCI Express Hot-Plug Controller
MIC2591B MICREL-MIC2591B_05 Datasheet
1Mb / 34P
Dual-Slot PCI Express Hot-Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
Dual-Slot PCI Hot Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com