Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2340APFPR Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS2340APFPR
Description  DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2340APFPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2340APFPR Datasheet HTML 4Page - Texas Instruments TPS2340APFPR Datasheet HTML 5Page - Texas Instruments TPS2340APFPR Datasheet HTML 6Page - Texas Instruments TPS2340APFPR Datasheet HTML 7Page - Texas Instruments TPS2340APFPR Datasheet HTML 8Page - Texas Instruments TPS2340APFPR Datasheet HTML 9Page - Texas Instruments TPS2340APFPR Datasheet HTML 10Page - Texas Instruments TPS2340APFPR Datasheet HTML 11Page - Texas Instruments TPS2340APFPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
TPS2340A
SLUS528A – MARCH 2002 – REVISED AUGUST 2002
8
www.ti.com
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
P12VGA
70
O
Gate drive for the 12-V internal N-channel MOSFET for slot A. Connect a capacitor from this pin to
PWRGND to program the ramp rate. The capacitor is charged with a 5–
µΑ current source and dis-
charged with a switch. The output undervoltage circuitry is disabled until the voltage on this pin is
greater than 20 V and the voltage on 5V3VGA is greater than 11 V.
P12VGB
77
O
Gate drive for the 12-V internal N-channel MOSFET for slot B. Connect a capacitor from this pin to
PWRGND to program the ramp rate. The capacitor is charged with a 5-
µΑ current source and dis-
charged with a switch. The output undervoltage circuitry is disabled until the voltage on this pin is
greater than 20 V and the voltage on 5V3VGB is greater than 11 V.
P12VINA
72
I
12-V input to the device and the 12-V power FET for slot A. A 0.1-
µF bypass capacitor from P12VINA
P12VINA
73
I
12-V in ut to the device and the 12-V ower FET for slot A. A 0.1-
µF by ass ca acitor from P12VINA
to PWRGND is recommended.
P12VINB
75
I
12-V input to the device and the 12-V power FET for slot B. A 0.1-
µF bypass capacitor from P12VINB
P12VINB
74
I
12-V in ut to the device and the 12-V ower FET for slot B. A 0.1-
µF by ass ca acitor from P12VINB
to PWRGND is recommended.
P12VOA
71
O
12-V switched output for slot A. This pin has a switched FET to ground to discharge any output load
capacitance when the output is turned off. A 0.01-
µF bypass capacitor to PWRGND is recommended.
P12VOB
76
O
12-V switched output fo rslot B. This pin has a switched FET to ground to discharge any output load
capacitance when the output is turned off. A 0.01-
µF bypass capacitor to PWRGND is recommended.
PCIXCAPA
50
I
PCI–X capable bit. To select 133-MHz PCI–X mode, leave PCIXCAPx floating. For 66-MHz PCI–X
mode, pull down PCIXCAPx with one or two 10-k
Ω resistors. For 33-MHz PCI 2.2 mode, ground
PCIXCAPB
11
I
mode, ull down PCIXCAPx with one or two 10-k
Ω resistors. For 33-MHz PCI 2.2 mode, ground
PCIXCAPx. This pin has a 10-k
Ω pull–up resistor to DIGVCC. This pin is typically tied to the PCI con-
nector.
PGOOD
38
I
Power good input. PGOOD has hysteresis so that it can be used as a power-on reset, driven from a
slow-rising RC. PGOOD also has a 100-k
Ω pull-up to DIGVCC. A logic path in the TPS2340A pre-
vents the input data state machine from being reset when SOR asserts. This can be corrected with an
external AND gate, which causes PGOOD to be de-asserted whenever SOR is asserted. (See Note
1.)
PMEA
62
I
PME input from slot A. These signals comply with PCI Power Management Spec 1.1. PMEA has a
200-k
Ω pull-up to the appropriate switched 3VAUX for precharging. This pin is typically tied to the PCI
connector.
PMEB
63
I
PME input from slot B. These signals comply with PCI Power Management Spec 1.1. PMEB has a
200-k
Ω pull-up to the appropriate switched 3VAUX for precharging. This pin is typically tied to the PCI
connector.
PMEO
61
O
PME output from the device. This signal is an open-drain output and complies with PCI Power Man-
agement Specification 1.1 PME definition.
PRSNT1A
37
I
PCI presence detect bit 1. This input has hysteresis and a 100-k
Ω pull-up to DIGVCC, requiring only a
PRSNT1B
24
I
PCI resence detect bit 1. This in ut has hysteresis and a 100-k
Ω ull-u to DIGVCC, requiring only a
capacitor to ground for debouncing mechanical noise. This pin is typically tied to the PCI connector.
PRSNT2A
36
I
PCI–presence detect bit 2. This input has hysteresis and a 100-k
Ω pull–up to DIGVCC, requiring only
PRSNT2B
25
I
PCI– resence detect bit 2. This in ut has hysteresis and a 100-k
Ω ull–u to DIGVCC, requiring only
a capacitor to ground for debouncing mechanical noise. This pin is typically tied to the PCI connector.
PWRGND1
1
_
Gro nd pin for the po er analog section
PWRGND2
60
–
Ground pin for the power analog section.
PWRLEDA
48
O
In normal operation, output-to-power indicator PCI hot-plug status LED. In test mode, indicates the
state of the internal signal PWRENx the power FET control signal PWRLEDx is a high current low
PWRLEDB
12
O
state of the internal signal PWRENx, the power FET control signal. PWRLEDx is a high-current, low-
true open-drain output with a 100-k
Ω pull-up resistor.
NOTE 1: PGOOD input: diagram:
UDG–01126
38
40
TPS2340
PGOOD
PWRGOOD (FROM PLATFORM)
SOR (FROM HPC)
SOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com