Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2340APFPR Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2340APFPR
Description  DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2340APFPR Datasheet(HTML) 2 Page - Texas Instruments

  TPS2340APFPR Datasheet HTML 1Page - Texas Instruments TPS2340APFPR Datasheet HTML 2Page - Texas Instruments TPS2340APFPR Datasheet HTML 3Page - Texas Instruments TPS2340APFPR Datasheet HTML 4Page - Texas Instruments TPS2340APFPR Datasheet HTML 5Page - Texas Instruments TPS2340APFPR Datasheet HTML 6Page - Texas Instruments TPS2340APFPR Datasheet HTML 7Page - Texas Instruments TPS2340APFPR Datasheet HTML 8Page - Texas Instruments TPS2340APFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TPS2340A
SLUS528A – MARCH 2002 – REVISED AUGUST 2002
2
www.ti.com
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Input voltage range:
P12VIN
–0.5 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
M12VIN
–15.0 V to 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
All others
–0.5 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range:
P12VO, 5V3VG
–0.5 V to VP12VIN +0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
P12VG
–0.5 V to 28 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
M12VO, M12VG
VM12VIN–0.5 V to 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current pulse:
P12VO (DC internally limited)
4 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
M12VO
0.8 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual temperature range, TJ
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are respect to DGND.
electrical characteristics over recommended operating temperature range, P12VINA = P12VINB =
12 V, V5IN = 5 V, DIGVCC = 3.3 V, M12VINA = M12VINB = –12 V, 3VAUXI = 3.3 V, all outputs unloaded,
TA = TJ (unless otherwise noted)
5-V/3.3-V Supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
5VOC input threshold voltage
ROCSET = 6.04 kΩ
43
53
63
mV
5VISA, 5VISB voltage fault threshold
After P12VG and 5V3VG good
4.16
4.65
4.92
V
5VISA, 5VISB voltage fault minimum captured pulse
75
135
ns
5VSA input bias current
PWRENx = high
–100
100
A
5VISA, 5VISB input bias current
PWRENx = high
100
250
500
µA
5VISA, 5VISB bleed current
PWRENx = low,
5VISx = 5 V
5
10
20
mA
3VOC Input threshold voltage
ROCSET = 6.04 kΩ
53
63
72
mV
3VISA, 3VISB voltage fault threshold
After P12VG and 5V3VG good
2.64
2.86
3.08
V
3VISA, 3VISB voltage fault minimum captured pulse
time
75
135
ns
3VSA, 3VSB input bias current
PWRENx = high
–100
100
A
3VISA, 3VISB input bias current
PWRENx = high
100
250
500
µA
3VISA, 3VISB bleed current
PWRENx = low,
5VISx = 5 V
5
10
20
mA
5V3VGA, 5V3VGB charge current
–25
–20
–14.5
µA
5V3VGA, 5V3VGB discharge current
200
mA
5V3VGA, 5V3VGB good threshold
P12VIN = 12V
9.5
11
11.5
V
5V3VGA, 5V3VGB turn-off time
C5V3VG = 0.022 µF,
5V3VG falling from 90% to 10%
1
3.5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com