Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2340APFPR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS2340APFPR
Description  DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2340APFPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2340APFPR Datasheet HTML 9Page - Texas Instruments TPS2340APFPR Datasheet HTML 10Page - Texas Instruments TPS2340APFPR Datasheet HTML 11Page - Texas Instruments TPS2340APFPR Datasheet HTML 12Page - Texas Instruments TPS2340APFPR Datasheet HTML 13Page - Texas Instruments TPS2340APFPR Datasheet HTML 14Page - Texas Instruments TPS2340APFPR Datasheet HTML 15Page - Texas Instruments TPS2340APFPR Datasheet HTML 16Page - Texas Instruments TPS2340APFPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TPS2340A
SLUS528A – MARCH 2002 – REVISED AUGUST 2002
13
www.ti.com
APPLICATION INFORMATION
fault handling
When PGOOD is asserted (main power is valid), the serial interface is available for use. At this time, Auxflt and
Faultx (i.e. Faultx = Pwrfltx
• Auxflt) signals are present in the registers and can be read back over the serial
interface.
When PGOOD is deasserted (main power is not valid), the serial interface is inactive, so the TPS2340A provides
an alternate path for observing the Auxfltx signals. In this case, Auxfltx is presented on the ATTLEDx open-drain
output, so 3Vaux faults can be observed. Systems that do not require Auxfltx indications when main power is
off should use main power to supply current to the attention LEDs.
In addition, when TEST is asserted after PGOOD has changed from 0 to 1, the AND of Pwrfltx and Auxfltx is
present on the ATTLEDx open-drain output, so the attention LEDs can be used to report any faults on each
channel.
After PGOOD is asserted with TEST deasserted and the voltage on the SWx pin is greater than VDIGVCC but
less than VV5IN, ATTLEDx follows the fault status of the main power fault (Pwrfltx). If the SWx input is pulled
to VV5IN potential, that slot becomes immediately enabled independent of serial interface status and ATTLEDx
follows the fault status of the main power fault (Pwrfltx).
Table 1. Fault Reporting Using ATTLED
SWx
PGOOD
TEST
ATTLEDx
< VDIGVCC
0
x
Auxfltx
< VDIGVCC
1
1
Pwrfltx
• Auxfltx
> VDIGVCC, < VV5IN
1
0
Pwrfltx
= VV5IN
x
x
Pwrfltx
PCI–XCAP resolution
Add-in cards indicate their PCI-X mode and frequency capabilities by connection of the PCI-XCAP pin. The
TPS2340A utilizes a three-level comparator to resolve the PCI-XCAP input so as to decode operating mode
and generate the PCI-XCAP2 and PCI-XCAP1 internal signals. With PCI-XCAP open, the TPS2340A selects
PCI-X 133-MHz operation. PCI-X 66-MHz operation is selected by a 10-k
Ω pull-down resistor on PCI-XCAP.
With PCI-XCAP grounded, conventional PCI-2.2 operation is selected. This decoding conforms to the standard
PCI-X specification for PCI-XCAP resolution.
Table 2. PCI-XCAP Pin State Resolution
PCI-XCAP
PCI-XCAP2
PCI-XCAP1
DESCRIPTION
GND
0
0
Conventional PCI 2.2 operation
10-k
Ω Pull-down Resistor
0
1
PCI-X 66-MHz operation
Open Circuit
1
1
PCI-X 133-MHz operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com