Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2340APFPR Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS2340APFPR
Description  DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2340APFPR Datasheet(HTML) 3 Page - Texas Instruments

  TPS2340APFPR Datasheet HTML 1Page - Texas Instruments TPS2340APFPR Datasheet HTML 2Page - Texas Instruments TPS2340APFPR Datasheet HTML 3Page - Texas Instruments TPS2340APFPR Datasheet HTML 4Page - Texas Instruments TPS2340APFPR Datasheet HTML 5Page - Texas Instruments TPS2340APFPR Datasheet HTML 6Page - Texas Instruments TPS2340APFPR Datasheet HTML 7Page - Texas Instruments TPS2340APFPR Datasheet HTML 8Page - Texas Instruments TPS2340APFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
TPS2340A
SLUS528A – MARCH 2002 – REVISED AUGUST 2002
3
www.ti.com
electrical characteristics over recommended operating temperature range, P12VINA = P12VINB =
12 V, V5IN = 5 V, DIGVCC = 3.3 V, M12VINA = M12VINB = –12 V, 3VAUXI = 3.3 V, all outputs unloaded,
TA = TJ (unless otherwise noted) (continued)
12-V Supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
+12-V Internal NMOS on-resistance
PWREN = HIGH,
ID = 0.5 A
TA = TJ = 25°C
0.18
0.3
Ω
+12 V Internal NMOS on resistance
PWREN = HIGH,
ID = 0.5 A
0.4
Ω
–12-V Internal NMOS on-resistance
PWREN = HIGH,
ID = 0.1 A
TA = TJ = 25°C
0.5
0.75
Ω
12 V Internal NMOS on resistance
PWREN = HIGH,
ID = 0.1 A
0.9
Ω
+12-V overcurrent threshold
ROCSET = 6.04 kΩ
0.83
1.00
1.17
A
–12-V overcurrent threshold
ROCSET = 6.04 kΩ
0.12
0.19
0.25
A
P12VOA, P12VOB fault threshold voltage
After P12VG and 5V3VG good
9.50
10.80
11.15
V
P12VOA, P12VOB voltage fault minimum captured
pulse time
75
135
ns
M12VGA, M12VGB gate charge current
–25
–20
–14.5
µA
M12VGA, M12VGB gate discharge current
200
mA
P12VGA, P12VGB, charge current
Derived from charge pump
1.0
4.0
8.5
µA
P12VGA, P12VGB, discharge current
100
mA
P12VGA, P12VGB good threshold
P12VIN = 12 V
19
20.5
22
V
T rn on time
PWREN = HIGH to M12VO = –10.4 V,
CM12VG = 0.022 µF,
RL = 120 Ω
CM12VO = 50 µF
15
20
ms
Turn-on time
PWREN = HIGH to P12VO = 11.4 V,
C12PVG = 0.022 µF,
RL = 24 Ω
CP12VO = 200 µF
60
75
ms
Turn off time
PWREN = LOW to P12VO = 0.6 V,
CP12VG = 0.022
µF
1.5
3.5
µs
Turn-off time
PWREN = LOW to M12VO = –0.6 V,
CM12VG = 0.022
µF
1.5
3.5
µs
M12VO bleed current
–20
–5
mA
P12VO bleed current
5
10
mA
input/output control
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
P12VIN supply current
P12VIN = 12 V
1
2
mA
V5IN supply current
V5IN = 5 V
1.00
2.75
mA
DIGVCC supply current
DIGVCC = 3.3 V
500
2000
M12VIN supply current
M12VIN –12 V
250
2000
µA
3VAUXI supply current
3VAUXI = 3.3 V
200
2000
µA
Overcurrent fault response time
500
960
ns
DIGVCC start-up threshold voltage
2.60
2.80
2.95
DIGVCC stop threshold voltage
2.40
2.55
2.80
V5IN start-up threshold voltage
4.2
4.4
4.6
V
V5IN stop threshold voltage
3.8
4.0
4.4
V
P12VIN start-up threshold voltage
10.2
10.3
11.2
P12VIN stop threshold voltage
9.5
9.4
10.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com