Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2340APFPR Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS2340APFPR
Description  DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2340APFPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2340APFPR Datasheet HTML 17Page - Texas Instruments TPS2340APFPR Datasheet HTML 18Page - Texas Instruments TPS2340APFPR Datasheet HTML 19Page - Texas Instruments TPS2340APFPR Datasheet HTML 20Page - Texas Instruments TPS2340APFPR Datasheet HTML 21Page - Texas Instruments TPS2340APFPR Datasheet HTML 22Page - Texas Instruments TPS2340APFPR Datasheet HTML 23Page - Texas Instruments TPS2340APFPR Datasheet HTML 24Page - Texas Instruments TPS2340APFPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
TPS2340A
SLUS528A – MARCH 2002 – REVISED AUGUST 2002
21
www.ti.com
APPLICATION INFORMATION
package information
The TPS2340A dissipates very little heat under normal operating conditions. However, when the TPS2340A
is used with a load that exceeds PCI specifications either due to a fault or a specification violation, power
dissipation increases as the square of load current. To allow reliable operation with high power dissipation, the
TPS2340A is packaged in a PowerPAD
t molded quad flat pack with heat-conducting tab on the underside. This
package offers thermal resistance from junction to case of approximately 8
°C/W. In a typical layout, thermal
resistance from junction to ambient is approximately 35
°C/W.
For optimum heat conduction and system reliability, the heat-conducting tab should be soldered directly to a
10-mm square copper area on the circuit board tied to M12VIN voltage potential. To increase heat conduction,
add plated vias to the copper area directly under the part and connect these vias to copper planes around 100%
of their perimeter. These vias conduct heat away from the top layer of the circuit board and into other layers and
should not use thermal reliefs (also known as thermals or webs). To prevent solder wicking into the vias, the
vias should either be drilled to a size small enough to allow complete filling of the vias during hole plating or
should be covered by solder mask on the back of the circuit board.
The TPS2340A TQFP–80 package conforms to JEDEC MS–026. For more information on the PowerPAD
package, consult TI PowerPAD Technical Brief (SLMA002).
device testability
Table 11. Test Mode Configuration
PGOOD
TEST
SODO/MODE1
SIDO/MODE0
OPERATING MODE
↑
0
MODE1
MODE0
Normal operation mode, latch MODE inputs
1
0
SODO
SIDO
Normal operation mode, drive SODO and SIDO
↑
1
0
0
NAND tree test mode
↑
1
0
1
Tri–state test mode (all pins tri-stated)
↑
1
1
X
Reserved
1
1
SODO
SIDO
Normal operation, but Pwrenx driven on PWRLEDx, Faultx
driven on ATTLEDx.
NOTE:
X = Don’t care, x = slot A or B; shaded cells signify test modes.
When TEST is asserted after PGOOD is asserted, the device enters a run-time test mode. When this test mode
is enabled, the slot-specific PWRLEDx output asserts when the slot’s internal Pwrenx signal is asserted.
Similarly, the ATTLEDx output asserts when the corresponding ANDed slot Faultx signal is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com