Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF32 Datasheet(PDF) 4 Page - 3M Electronics

Part # AF32
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF32 Datasheet(HTML) 4 Page - 3M Electronics

  AF32 Datasheet HTML 1Page - 3M Electronics AF32 Datasheet HTML 2Page - 3M Electronics AF32 Datasheet HTML 3Page - 3M Electronics AF32 Datasheet HTML 4Page - 3M Electronics AF32 Datasheet HTML 5Page - 3M Electronics AF32 Datasheet HTML 6Page - 3M Electronics AF32 Datasheet HTML 7Page - 3M Electronics AF32 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 32
- 4 -
Miscellaneous Data Scotch-Weld AF 32 (continued)
Control
1 Year
2 Years
3 Years
-67°F
-55°C
4491 psi
30.9 MPa
4560 psi
31.4 MPa
4900 psi
33.8 MPa
4800 psi
33.1 MPa
75°F
24°C
4216 psi
29.6 MPa
3880 psi
26.7 MPa
4350 psi
30.0 MPa
3930 psi
27.1 MPa
180°F
82°C
2186 psi
15.1 MPa
2250 psi
15.5 MPa
2510 psi
17.3 MPa
2340 psi
16.1 MPa
250°F
121°C
1336 psi
9.2 MPa
1320 psi
9.1 MPa
1550 psi
10.7 MPa
1520 psi
10.5 MPa
300°F
149°C
1036 psi
7.1 MPa
1120 psi
7.7 MPa
1140 psi
7.9 MPa
940 psi
6.5 MPa
G. Scotch-Weld AF 32 /3M™ Scotch-Weld™ Structural Adhesive Primer EC-1660 Overlap Shear After
Aging for 1, 2 and 3 Years in South Florida
Cured 60 minutes @ 350°F (177°C), 100 psi, 10°F/minute rise rate.
H. Scotch-Weld AF 32 Radiation Exposure Data
Radiation Temperature: 75°F (24°C)
Test: ASTM D 1002 Overlap Shear
Test Temperature
-67°F (-55°C)
75°F (24°C)
250°F (121°C)
Average Strength
4578 psi (31.6 MPa)
4783 psi (33.0 MPa)
1150 psi (7.9 MPa)
Strength Retention (%)
Megarad Dosage
Failure
-67°F (-55°C)
75°F (24°C)
250°F (121°C)
0
Cohesive
100
100
100
100
Cohesive
88
100
85
200
Cohesive
83
100
77
300
Cohesive
80
93
47
500
Adhesion
73
83
47
700
Adhesion
56
74
47
900
Adhesion
30
38
47
Metal = 2024-T3 clad aluminum.
Surface Prep = FPL etch.
Primer = None.
Adhesive Cure = 350°F (177°C) for 60 minutes, 150 psi press pressure, hot entry.
These overlap shear data imply that Scotch-Weld AF 32 nitrile phenolic film adhesive can withstand about 300 megarad
dosage level at 75°F (24°C) with satisfactory strength retention. The ability to withstand service at elevated temperature up to
250°F (121°C) is lost at high dosages.
Average
Test
Aged 3 months
Type
Test
Temperature
Unaged
75°F ± 5°F (24°C ± 2.2°C)
Failure
Shear Strength
75°F ± 2°F
(24°C ± 1.1°C)
3825 psi
26.4 MPa
4191 psi
28.9 MPa
Cohesive
Shear Strength
180°F ± 2°F (82°C ± 1.1°C)
2287 psi
15.8 MPa
2222 psi
15.3 MPa
Cohesive
Shear Strength (After
75°F ± 2°F
(24°C ± 1.1°C)
3818 psi
26.3 MPa
4020 psi
27.7 MPa
Cohesive
30 day Salt Spray
FED STD 151)
I. Scotch-Weld AF 32 /Scotch-Weld EC-1660 Storage Life Testing
The following data indicates that the uncured Scotch-Weld AF 32/Scotch-Weld EC-1660 system does not degrade
with storage at 75°F ± 5°F (24°C ± 2.2°C) for 3 months.
A cure cycle of 100 psi bonding pressure applied by a platen press and a 200°F/minute bond line temperature rise
from 80°F to 350°F (26°C to 182°C) with 120 ± 1 minute at 350°F ± 2°F (182°C ± 1.1°C) was used. All properties
were measured on 1" wide, 1/2" overlap specimens cut from .063" thick 4" x 7" bonded panels of 2024-T3 clad
aluminum. Tests were conducted according to MMM-A-132 methods.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com