Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF32 Datasheet(PDF) 2 Page - 3M Electronics

Part # AF32
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF32 Datasheet(HTML) 2 Page - 3M Electronics

  AF32 Datasheet HTML 1Page - 3M Electronics AF32 Datasheet HTML 2Page - 3M Electronics AF32 Datasheet HTML 3Page - 3M Electronics AF32 Datasheet HTML 4Page - 3M Electronics AF32 Datasheet HTML 5Page - 3M Electronics AF32 Datasheet HTML 6Page - 3M Electronics AF32 Datasheet HTML 7Page - 3M Electronics AF32 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 32
- 2 -
MMM-A-132B
Scotch-Weld AF 32 /
Type 1 Class 2
Scotch-Weld EC-1660
Test Condition
Requirement
Test Results
A. Tensile Shear
psi
MPa
psi
MPa
1. Normal Temperature, 75°F (24°C)
3500
24.1
4085
28.1
2. 10 minutes @ 180°F (82°C)
2000
13.8
2286
15.8
3. 10 minutes @ -67°F (-55°C)
3500
24.1
5086
35.0
4. Normal Temperature, 75°F (24°C) after 30 days immersion
N/A
N/A
3818
26.3
in Salt Water Spray
5. Normal Temperature, 75°F (24°C) after 30 days immersion
3250
22.4
3825
26.4
@ 120°F (49°C) and 95-100% Relative Humidity
6. Normal Temperature, 75°F (24°C) after 30 days immersion
N/A
N/A
3898
26.9
in Tap Water
7. Normal Temperature, 75°F (24°C) after 7 days immersion
3250
22.4
3631
25.0
in JP-4 Fuel (MIL-T-5624)
8. Normal Temperature, 75°F (24°C) after 7 days immersion
N/A
N/A
3798
26.2
in Anti-icing Fluid (MIL-F-5566)
9. Normal Temperature, 75°F (24°C) after 7 days immersion
3250
22.4
4238
29.2
in Hydraulic Oil
10. Normal Temperature, 75°F (24°C) after 7 days immersion
N/A
N/A
3643
25.1
in Type III Hydrocarbon Fluid (MIL-S-3136)
Product Performance
MMM-A-132 Type I Class 2 Test Data
The following is a summary and a list of average test results for the structural adhesive system Scotch-Weld AF 32
with 3M™ Scotch-Weld™ Structural Adhesive Primer EC-1660 when bonded specimens were prepared and tested
in accordance with Military Specification MMM-A-132B, Type 1 Class 2.
B. Creep Rupture
11. Normal Temperature, 75°F (24°C) 192 hrs @ 1600 psi
0.015" maximum
0.012 inches
(11.0 MPa)
deformation
12. 180°F, 192 hrs @ 800 psi (82°C, 192 hrs @ 5.5 MPa)
0.015" maximum
0.014 inches
deformation
C. Fatigue
13. Normal Temperature, 75°F (24°C) 750 psi (5.2 MPa) @
No glue line
No glue line
106 cycles
failure
failure
D. Other Tests
14. Normal Temperature, 75°F (24°C) T-Peel
15 piw
58 piw
15. Tensile Shear, 75°F (24°C) Blister Detection
3250 psi
22.4 MPa
3858 psi
26.6 MPa



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com