Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF32 Datasheet(PDF) 5 Page - 3M Electronics

Part # AF32
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF32 Datasheet(HTML) 5 Page - 3M Electronics

  AF32 Datasheet HTML 1Page - 3M Electronics AF32 Datasheet HTML 2Page - 3M Electronics AF32 Datasheet HTML 3Page - 3M Electronics AF32 Datasheet HTML 4Page - 3M Electronics AF32 Datasheet HTML 5Page - 3M Electronics AF32 Datasheet HTML 6Page - 3M Electronics AF32 Datasheet HTML 7Page - 3M Electronics AF32 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 32
- 5 -
Product Application
Proper adhesive application is as important as proper bond design and adhesive choice to obtain maximum joint
properties. Improper adhesive application techniques can result in partial or complete failure of an assembly.
Scotch-Weld AF 32 performance data reported in this data sheet was developed using the following suggested
procedures. Variations from these procedures should be fully evaluated to insure bond properties sufficient to
meet the requirements of your particular application.
Surface Preparations
A thoroughly cleaned, dry, grease free surface is essential for maximum performance. Cleaning methods which will
produce a break-free water film on metal surfaces are generally satisfactory. Surface preparations should be fully
evaluated with the adhesive, especially if resistance to specific environments are anticipated.
Suggested Cleaning Procedure for Aluminum
1. Alkaline Degrease – Oakite 164 solution (9-11 oz/gallon water) at 190°F ± 10°F (88°C ± 5.6°C) for 10-20
minutes. Rinse immediately in large quantities of cold running water.
2. Optimized FPL Etch Solution (1 liter):
Material
Amount
Distilled Water
700 ml plus balance of liter (see below)
Sodium Dichromate
28 to 67.3 grams
Sulfuric Acid
287.9 to 310.0 grams
Aluminum Chips
1.5 grams/liter of mixed solution
To prepare 1 liter of this solution, dissolve sodium dichromate in 700 ml of distilled water. Add sulfuric acid
and mix well. Add additional distilled water to fill to 1 liter. Heat mixed solution to 66 to 71°C (150 to 160°F).
Dissolve 1.5 grams of 2024 bare aluminum chips per liter of mixed solution. Gentle agitation will help
aluminum dissolve in about 24 hours.
To FPL etch panels, place them in the above solution at 150 to 160°F (66 to 71°C) for 12 to 15 minutes.
3. Rinse – Rinse panels in clear running water.
4. Dry – Air dry 15 minutes
Force dry 10 minutes (minimum) at 140°F (60°C) maximum.
5. It is advisable to coat the freshly cleaned surfaces with primer within 4 hours after surface preparation.
Note: Read and follow safety and handling recommendations provided by the suppliers of these materials prior to
preparing this solution.
Primer Application
Advantages
Priming of bonding surfaces offer two distinct advantages: (1) Priming insures complete wetting of metal surfaces
which normally results in superior environmental and low temperature properties, and (2) Priming simplifies
production by protecting cleaned parts until bonding can be completed. 3M™ Scotch-Weld™ Structural Adhesive
Primer EC-1660 has been applied successfully by flow coating, brushing and spraying.
Caution: 3M™ Scotch-Weld™ Structural Adhesive Primer EC-1660 is flammable. See the Scotch-Weld EC-1660
Technical Data Sheet for additional information.
Primer Dry
A primer dry which will result in a solvent free coating is generally satisfactory. Drying temperatures above 300°F
(149°C) should be avoided, since a primer overcure will hinder the wetting action of the adhesive film to the primer.
Suggested Scotch-Weld EC-1660 Dry Cycle:
Air Dry
30 minutes at 75°F ± 5°C (24°C ± 2.8°C).
Force Dry Circulating air oven with part above 200°F (93°C) but not exceeding 250°F (121°C) for 30 minutes.
Film Application
1. Cut portion of film to be used from roll with protective liner in place.
2. Place film on substrate using the liner as a protective cover.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com