Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF32 Datasheet(PDF) 7 Page - 3M Electronics

Part # AF32
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF32 Datasheet(HTML) 7 Page - 3M Electronics

  AF32 Datasheet HTML 1Page - 3M Electronics AF32 Datasheet HTML 2Page - 3M Electronics AF32 Datasheet HTML 3Page - 3M Electronics AF32 Datasheet HTML 4Page - 3M Electronics AF32 Datasheet HTML 5Page - 3M Electronics AF32 Datasheet HTML 6Page - 3M Electronics AF32 Datasheet HTML 7Page - 3M Electronics AF32 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
- 7 -
Scotch-WeldTM
Structural Adhesive Film
AF 32
Product Application (continued)
Cure Temperature
The cure temperature may be varied from 250°F to 450°F (121°C to 232°C), depending on the materials being
bonded, equipment available and bond properties desired. The desired pressure must be applied before the glue line
reaches 160°F (71°C). The film will soften as temperature is increased to 180°F-210°F (82°C-99°C) and will wet
the surface to which it has been applied. A chemical cure will be initiated between 200°F and 270°F (93°C and
132°C) and a low strength gel formed. Continued heating chemically converts this gel into a high strength, solvent
resistant bond. Scotch-Weld AF 32 will change color only slightly upon application of heat. Edges of the bond which
are exposed to air will change from yellow to rusty brown.
Cure Time
Cure time depends on the cure temperature used, methods of heat application, production limitations and bond
properties required. Since no two bonding operations are exactly alike it is suggested that a few simple experiments
be conducted, varying both temperature and cure time to determine optimum conditions for the particular application.
Figure II is a guide from which an approximate cure cycle can be taken for various cure times or temperatures.
Figure II
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
250°F (121°C)
300°F (149°C)
350°F (177°C)
400°F (204°C)
450°F (232°C)
500°F (260°C)
Cure Time (Minutes)
A. Optimum bond properties. (Creep
resistance, high temperature strength,
environmental resistance, etc.)
B. General purpose bond properties.
(Shear strength over 2,500 psi (17.2 MPa)
at 75°F ± 2°F (24°C ± 1.1°C.)
C. Cure initiation temperature.
A
B
C
Suggested Cure Cycle
The following press cure cycle is suggested to obtain dense glue lines and was used to obtain the strengths reported
in the Test Data section unless otherwise stated.
1. Apply a pressure of 100 psi (.7 MPa) prior to reaching a bond line temperature of 150°F (66°C) and maintain
throughout the press cure cycle.
2. Raise the bond line temperature from ambient to 350°F (177°C) at a rate of 10°F-12°F (5.6°C-6.7°C) per minute.
3. Cure for 120 minutes at 350°F (177°C).
4. Cool to below 200°F (93°C) bond line temperature prior to release of pressure. (In laboratory tests, panels have
been removed at 350°F (177°C) with no adverse effects.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com