Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF32 Datasheet(PDF) 6 Page - 3M Electronics

Part # AF32
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF32 Datasheet(HTML) 6 Page - 3M Electronics

  AF32 Datasheet HTML 1Page - 3M Electronics AF32 Datasheet HTML 2Page - 3M Electronics AF32 Datasheet HTML 3Page - 3M Electronics AF32 Datasheet HTML 4Page - 3M Electronics AF32 Datasheet HTML 5Page - 3M Electronics AF32 Datasheet HTML 6Page - 3M Electronics AF32 Datasheet HTML 7Page - 3M Electronics AF32 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 32
- 6 -
Product Application (continued)
3. Roll film into position with a rubber roller insuring that no air is trapped between primer and film.
4. Remove protective liner.
5. Assemble parts and cure.
Cleanup
Excess primer and equipment may be cleaned up, prior to curing, with ketone* type solvents.
*Note: When using solvents for cleanup, extinguish all ignition sources and follow manufacturer’s precautions and
directions for use.
Cure Cycle
General Cure Requirements
Time, temperature and pressure determine the final bond properties and may be effected by the type of curing
equipment used for each specific application. In general, the cure properties of Scotch-Weld AF 32 are as follows:
Tack, Flow and Cure Initiation Temperatures
The tack, flow and cure initiation temperatures for Scotch-Weld AF 32 are a time temperature relationship and
depend upon the rate of heat input. Normally, Scotch-Weld AF 32 has the following properties:
Tack Temperature:
160°F - 180°F (71°C - 82°C)
Flow Temperature:
180°F - 220°F (82°C - 104°C)
Cure Initiation Temp.:
220°F - 270°F (104°C - 132°C)
Cure Pressure
Pressure is required during cure to form the part being bonded and contain any volatiles given off by the adhesive.
Cure pressure may be applied in any matter which will insure uniform constant pressure throughout the bond area.
Pressure must be uniformly applied before the curing reaction begins and maintained until a complete set has been
effected. (i.e., the bond line temperature has reached approximately 300°F (149°C). After this point is reached, the
cure may be completed without pressure if the hot strength of the adhesive is sufficient to maintain contact of the
parts being bonded.
The pressure required to contain volatiles is dependent on the rate at which bond line temperature is brought to the
cure temperature. The bond line temperature rise rate for Scotch-Weld AF 32 can be varied from 1°F to
300°F/minute (0.6°C to 149°C/minute). Rise rate (and cure pressure required) will depend on application, cure
temperature, bonding equipment, method of heat application, production limitations and bond properties required.
Figure I depicts typical pressures required for various
bond line temperature rise rates in platen presses.
CURE PRESSURE vs. BOND LINE TEMPERATURE RISE RATE IN PLATEN PRESS
300 psi (2.1 MPa)
250 psi (1.7 MPa)
200 psi (1.4 MPa)
150 psi (1.0 MPa)
100 psi (0.7 MPa)
50 psi (0.3 MPa)
0°F
(-18°C)
50°F
(10°C)
100°F
(38°C)
150°F
(66°C)
200°F
(93°C)
250°F
(121°C)
300°F
(149°C)
Bond Line Temperature Rise Rate per minute



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com