Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF32 Datasheet(PDF) 1 Page - 3M Electronics

Part # AF32
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF32 Datasheet(HTML) 1 Page - 3M Electronics

  AF32 Datasheet HTML 1Page - 3M Electronics AF32 Datasheet HTML 2Page - 3M Electronics AF32 Datasheet HTML 3Page - 3M Electronics AF32 Datasheet HTML 4Page - 3M Electronics AF32 Datasheet HTML 5Page - 3M Electronics AF32 Datasheet HTML 6Page - 3M Electronics AF32 Datasheet HTML 7Page - 3M Electronics AF32 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3
Scotch-WeldTM
Structural Adhesive Film
AF 32
Introduction
3M™ Scotch-Weld™ Structural Adhesive AF 32 is an unsupported, thermosetting
film adhesive designed for structural bonding especially where high peel strengths or
vibration damping is required.
Scotch-Weld AF 32 film adhesive offers the following advantages:
• Exceptionally high peel strength.
• Good flexibility and shear strength.
• Low tack, dry film. Can be pressure, heat or solvent tacked in position.
• Excellent retention of strength after aging in many environments.
• Excellent adhesion to aluminum, titanium, stainless steel, cadmium, nickel, brass,
phenolic, and epoxy (must use high bonding pressure).
• Extremely low flow.
Technical Data
Issue No. 3
Description
Form:
Flexible unsupported film, protected by a suitable liner.
Color:
Yellowish Brown
Nominal Caliper:
10 mils
Weight:
.055 ± .005 lbs/ft2 (270 ± 24 g/m2)
Volatile Content:
2.5% (2-4 gm sample cured 1 hr. @ 350°F (182°C)
Availability:
Maximum width is 20 inches. Standard roll is 36 yds. long
Shrinkage:
5% maximum (24 hrs @ 75°F ± 5°F [24°C ± 2.8°C]) in
horizontal position.
General
The technical information and data contained in this technical data sheet should be
considered representative or typical only and should not be used for specification
purposes.


Similar Part No. - AF32

ManufacturerPart #DatasheetDescription
logo
3M Electronics
AF325 3M-AF325 Datasheet
115Kb / 4P
Scotch-WeldTM Low Density Composite Surfacing Film
logo
List of Unclassifed Man...
AF32C1 ETC2-AF32C1 Datasheet
46Kb / 1P
HC-49/U Microprocessor Crystal
logo
Caliber Electronics Inc...
AF32C1 CALIBER-AF32C1 Datasheet
51Kb / 1P
HC-49/U Microprocessor Crystal
logo
List of Unclassifed Man...
AF32C3 ETC2-AF32C3 Datasheet
46Kb / 1P
HC-49/U Microprocessor Crystal
logo
Caliber Electronics Inc...
AF32C3 CALIBER-AF32C3 Datasheet
51Kb / 1P
HC-49/U Microprocessor Crystal
More results

Similar Description - AF32

ManufacturerPart #DatasheetDescription
logo
3M Electronics
EC-3924B 3M-EC-3924B Datasheet
43Kb / 4P
3M Scotch-WeldTM Structural Adhesive Primer
EC-3917 3M-EC-3917 Datasheet
28Kb / 6P
3M Scotch-WeldTM Structural Adhesive Primer
EC-1648 3M-EC-1648 Datasheet
20Kb / 4P
3M Scotch-WeldTM Structural Adhesive
AF191 3M-AF191 Datasheet
140Kb / 12P
3M Scotch-WeldTM Structural Adhesive Film
AF163-2 3M-AF163-2 Datasheet
355Kb / 21P
3M Scotch-WeldTM Structural Adhesive Film
AF3185 3M-AF3185 Datasheet
20Kb / 4P
Scotch-WeldTM Structural Adhesive Film
AF3109-2 3M-AF3109-2 Datasheet
54Kb / 8P
Scotch-WeldTM Structural Adhesive Film
AF126 3M-AF126 Datasheet
51Kb / 15P
Scotch-WeldTM Structural Adhesive Film
AF31 3M-AF31 Datasheet
80Kb / 15P
3M Scotch-WeldTM Structural Adhesive Film
AF30 3M-AF30 Datasheet
42Kb / 12P
3m Scotch-WeldTM Structural Adhesive Film
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com