Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF32 Datasheet(PDF) 3 Page - 3M Electronics

Part # AF32
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF32 Datasheet(HTML) 3 Page - 3M Electronics

  AF32 Datasheet HTML 1Page - 3M Electronics AF32 Datasheet HTML 2Page - 3M Electronics AF32 Datasheet HTML 3Page - 3M Electronics AF32 Datasheet HTML 4Page - 3M Electronics AF32 Datasheet HTML 5Page - 3M Electronics AF32 Datasheet HTML 6Page - 3M Electronics AF32 Datasheet HTML 7Page - 3M Electronics AF32 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 32
Miscellaneous Data Scotch-Weld AF 32
D. Scotch-Weld AF 32/3M™ Scotch-Weld™ Structural Adhesive Primer EC-1660 Shear Strength on Aluminum
-67°F
-55°C
5087 psi
35.0 MPa
75°F
24°C
3835 psi
26.4 MPa
180°F
82°C
2287 psi
15.8 MPa
250°F
121°C
1480 psi
10.2 MPa
350°F
177°C
970 psi
6.7 MPa
400°F
204°C
830 psi
5.7 MPa
500°F
260°C
390 psi
2.7 MPa
F. Scotch-Weld AF 32 /Scotch-Weld EC-1660 T-Peel Strength (ASTM D 1876)
T-Peel bonds consist of two Scotch-Weld EC-1660 primed 8" x 8" x .020" 2024-T3 clad panels bonded together
with a 6" x 8" section of film. This panel was then cut into 1" x 8" T-peel specimens which were peeled at a 90°
angle to the bond line with a jaw separation rate of 20 inches/minute. Cure cycles were as indicated.
Plate Press Cure: 350°F (177°C), 60 minutes, 150 psi, 10°F/minute temperature rise rate.
-67°F
-55°C
10 piw
75°F
24°C
60 piw
180°F
82°C
25 piw
250°F
121°C
15 piw
E. Scotch-Weld AF 32 /Scotch-Weld EC-1660 Metal to Metal Climbing Drum Peel (ASTM D 1781)
75°F
24°C
168 in•lbs
747 mN/m
in
Metal = 2024-T3 clad aluminum.
Surface Prep = FPL etch.
Primer = 3M EC-1660, 75°F air dry for 30 minutes + 225°F oven dry for 30 minutes.
Adhesive Cure = 300°F for 60 minutes, 75 psi autoclave pressure, 10°F/min rise rate.
A. Scotch-Weld AF 32 Coefficient of Thermal Expansion
Below 5°F (-15°C)
860 x 10-7 in/in°F
Above 5°F (-15°C)
1700 x 10-7 in/in°F
B. Scotch-Weld AF 32 Modulus of Elasticity
-67°F
-55°C
234,000 psi
1612.3 MPa
75°F
24°C
3,900 psi
26.9 MPa
180°F
82°C
1,630 psi
11.2 MPa
300°F
149°C
1,415 psi
9.7 MPa
C. Scotch-Weld AF 32 Ultimate Tensile Stress
-67°F
-55°C
9320 psi
64.2 MPa
75°F
24°C
2290 psi
15.8 MPa
180°F
82°C
763 psi
5.3 MPa
250°F
121°C
606 psi
4.2 MPa
- 3 -



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com