Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTD6821 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FTD6821
Description  1.5MHz switching frequency minimizes the external components
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD6821 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FTD6821 Datasheet HTML 1Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 2Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 3Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 4Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 5Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 6Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 7Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 8Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Electrical Characteristics
VCC = 5V Vout=2.5V,L=2 2uH,Cout=10uF,Imax=1A, Ta = 25℃ unless otherwise specified.
Parameters
Symbol
Test Condition
Min.
Typ.
Max.
Unit
V
e
g
a
tl
o
v
t
u
p
n
I
IN
V
5
.
5
3
Shutdown Supply Current
ISTBY
VEN=0V
10
uA
Feedback Voltage
VFB
V
2
1
6
.
0
6
.
0
8
8
5
.
0
Feedback Bias Current
IFB
VFB=Vin
-50
nA
Oscillator Frequency
FOSC
z
H
M
5
.
1
0
0
2
N
)
N
O
(
S
D
R
N
O
R
T
E
F
N
mΩ
0
5
1
N
)
N
O
(
S
D
R
N
O
R
T
E
F
P
mΩ
A
8
.
1
M
I
L
I
ti
m
i
L
t
n
e
r
r
u
C
T
E
F
P
V
5
.
1
H
N
E
V
d
l
o
h
s
e
r
h
t
g
n
i
s
ir
N
E
V
4
.
0
L
N
E
V
d
l
o
h
s
e
r
h
t
g
n
il
l
a
f
N
E
V
4
.
2
O
L
V
U
V
d
l
o
h
s
e
r
h
t
O
L
V
U
t
u
p
n
I
V
1
.
0
S
Y
H
V
s
i
s
e
r
e
t
s
e
y
h
O
L
V
U
s
n
0
5
e
m
i
T
N
O
n
i
M
%
0
0
1
e
l
e
y
C
y
t
u
D
x
a
M
0
6
1
D
S
T
e
r
u
t
a
r
e
p
m
e
T
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
ºC
2013.01. 28
5/17
SEMICONDUCTOR
TECHNICAL D ATA
FTD6821
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com