Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTD6821 Datasheet(PDF) 14 Page - First Silicon Co., Ltd

Part # FTD6821
Description  1.5MHz switching frequency minimizes the external components
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD6821 Datasheet(HTML) 14 Page - First Silicon Co., Ltd

Back Button FTD6821 Datasheet HTML 9Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 10Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 11Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 12Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 13Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 14Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 15Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 16Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 17Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Function Description(Cont.)
Using Ceramic Input and Output
Capacitors
Higher values, lower cost ceramic capacitors are now
becoming available in smaller case sizes. Their high
ripple current, high voltage rating and low ESR make
them ideal for switching regulator applications. Because
the FTD6821’s control loop does not depend on the
output capacitor’s ESR for stable operation, ceramic
capacitors can be used freely to achieve very low output
ripple and small circuit size.
However, care must be taken when ceramic capacitors
are used at the input and the output. When a ceramic
capacitor is used at the input and the power is supplied
by a wall adapter through long wires, a load step at the
output can induce ringing at the input, VIN. At best, this
ringing can couple to the output and be mistaken as loop
instability. At worst, a sudden inrush of current through
the long wires can potentially cause a voltage spike at
VIN, large enough to damage the part.
When choosing the input and output ceramic capacitors,
choose the X5R or X7R dielectric formulations. These
dielectrics have the best temperature and voltage
characteristics of all the ceramics for a given value and
size.
Output Voltage Programming
In the adjustable version, the output voltage is set by a
resistive divider according to the following formula:
The external resistive divider is connected to the output,
allowing remote voltage sensing as Figure4.
Figure 4:Setting the output Voltage
Vout
R1
R2
1.2V
150K
150K
1.5V
160K
240K
1.8V
150K
300K
2.5V
150K
470K
3.3V
150K
680K
Table 2. Vout VS. R1, R2, Cf Select Table
Ef�iciency Considerations
The efficiency of a switching regulator is equal to the
output power divided by the input power times 100%. It
is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Efficiency can be
expressed as:
Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a
percentage of input power.
Although all dissipative elements in the circuit produce
losses, two main sources usually account for most of the
losses in FTD6821 circuits: VIN quiescent current and I2R
losses. The VIN quiescent current loss dominates the
efficiency loss at very low load currents whereas the I2R
loss dominates the efficiency loss at medium to high load
currents. In a typical efficiency plot, the efficiency curve
at very low load currents can be misleading since the
actual power lost is of no consequence as illustrated in
Figure 5.
2013.01. 28
14/17
SEMICONDUCTOR
TECHNICAL D ATA
FTD6821
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com