Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTD6821 Datasheet(PDF) 12 Page - First Silicon Co., Ltd

Part # FTD6821
Description  1.5MHz switching frequency minimizes the external components
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD6821 Datasheet(HTML) 12 Page - First Silicon Co., Ltd

Back Button FTD6821 Datasheet HTML 8Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 9Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 10Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 11Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 12Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 13Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 14Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 15Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 16Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Function Description(Cont.)
Low Supply Operation
The FTD6821 will operate with input supply voltages as
low as 2.5V, but the maximum allowable output current
is reduced at this low voltage. Figure 2 shows the
reduction in the maximum output current as a function of
input voltage for various output voltages.
Slope Compensation and Inductor Peak
Current
Slope compensation provides stability in constant
frequency architectures by preventing subharmonic
oscillations at high duty cycles. It is accomplished
internally by adding a compensating ramp to the inductor
current signal at duty cycles in excess of 40%. Normally,
this results in a reduction of maximum inductor peak
current for duty cycles >40%. However, the FTD6821
uses a patent-pending scheme that counteracts this
compensating ramp, which allows the maximum inductor
peak current to remain unaffected throughout all duty
cycles.
Maximum Output Current vs Input Voltag
The basic FTD6821 application circuit is shown in Figure
3. External component selection is driven by the load
requirement and begins with the selection of L followed
by CIN and COUT.
Inductor Selection
For most applications, the value of the inductor will fall in
the range of 1mH to 4.7mH. Its value is chosen based on
the desired ripple current. Large value inductors lower
ripple current and small value inductors result in higher
ripple currents. Higher VIN or VOUT also increases the
ripple current as shown in equation 1. A reasonable
starting point for setting ripple current is DIL = 480mA
(40% of 1200mA).
The DC current rating of the inductor should be at least
equal to the maximum load current plus half the ripple
current to prevent core saturation. Thus, a 1320mA
rated inductor should be enough for most applications
(1200mA + 120mA). For better efficiency, choose a low
DC-resistance
inductor.
The inductor value also has an effect on Burst Mode
operation. The transition to low current operation begins
when the inductor current peaks fall to approximately
200mA. Lower inductor values (higher DIL) will cause
this to occur at lower load currents, which can cause a
dip in efficiency in the upper range of low current
operation. In Burst Mode operation, lower inductance
values will cause the burst frequency to increase.
2013.01. 28
12/17
SEMICONDUCTOR
TECHNICAL D ATA
FTD6821
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com