Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTD6821 Datasheet(PDF) 16 Page - First Silicon Co., Ltd

Part # FTD6821
Description  1.5MHz switching frequency minimizes the external components
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD6821 Datasheet(HTML) 16 Page - First Silicon Co., Ltd

Back Button FTD6821 Datasheet HTML 9Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 10Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 11Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 12Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 13Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 14Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 15Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 16Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 17Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Function Description(Cont.)
Therefore,
power dissipated by the part is:
PD = ILOAD 2 • RDS(ON) = 187.2mW
For the SOT-23 package, the qJA is 250°C/ W. Thus,
the junction temperature of the regulator is:
TJ = 70°C + (0.1872)(250) = 116.8°C
which is below the maximum junction temperature of
125°C.
Note that at higher supply voltages, the junction
temperature is lower due to reduced switch resistance
(RDS(ON)).
Checking Transient Response
The regulator loop response can be checked by looking
at the load transient response. Switching regulators take
several cycles to respond to a step in load current.
When a load step occurs, VOUT immediately shifts by
an amount equal to (∆ILOAD • ESR), where ESR is the
effective series resistance of COUT. ∆ILOAD also
begins to charge or discharge COUT, which generates a
feedback error signal. The regulator loop then acts to
return VOUT to its steadystate value. During this
recovery time VOUT can be monitored for overshoot or
ringing that would indicate a stability problem. For a
detailed explanation of switching control loop theory.
A second, more severe transient is caused by switching
in loads with large (>1µF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in
parallel with COUT, causing a rapid drop in VOUT. No
regulator can deliver enough current to prevent this
problem if the load switch resistance is low and it is
driven quickly. The only solution is to limit the rise time of
the switch drive so that the load rise time is limited to
approximately (25 • CLOAD).Thus, a 10µF capacitor
charging to 3.3V would require a 250µs rise time, limiting
the charging current to about 130mA.
2013.01. 28
16/17
SEMICONDUCTOR
TECHNICAL D ATA
FTD6821
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com