Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTD6821 Datasheet(PDF) 13 Page - First Silicon Co., Ltd

Part # FTD6821
Description  1.5MHz switching frequency minimizes the external components
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD6821 Datasheet(HTML) 13 Page - First Silicon Co., Ltd

Back Button FTD6821 Datasheet HTML 9Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 10Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 11Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 12Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 13Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 14Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 15Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 16Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 17Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Function Description(Cont.)
Inductor Core Selection
Different core materials and shapes will change the
size/current and price/current relationship of an inductor.
Toroid or shielded pot cores in ferrite or permalloy
materials are small and don’t radiate much energy, but
generally cost more than powdered iron core inductors
with similar electrical characteristics. The choice of
which style inductor to use often depends more on the
price vs size requirements and any radiated field/EMI
requirements than on what the FTD6821 requires to
operate. Table 1 shows some typical surface mount
inductors that work well in FTD6821 applications.
Table 1. Representative Surface Mount Inductors
CIN and COUT Selection
In continuous mode, the source current of the top
MOSFET is a square wave of duty cycle VOUT/VIN. To
prevent large voltage transients, a low ESR input
capacitor sized for the maximum RMS current must be
used. The maximum RMS capacitor current is given by:
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT/2. This simple worst-case condition is
commonly used for design because even significant
deviations do not offer much relief. Note that the
capacitor manufacturer’s ripple current ratings are often
based on 2000 hours of life. This makes it advisable to
further derate the capacitor, or choose a capacitor rated
at a higher temperature than required. Always consult
the manufacturer if there is any question.
The selection of COUT is driven by the required
effective series resistance (ESR). Typically, once the
ESR requirement for COUT has been met, the RMS
current rating generally far exceeds the IRIPPLE(P-P)
requirement. The output ripple DVOUT is determined
by:
where f = operating frequency, COUT = output
capacitanceand DIL = ripple current in the inductor. For
a fixed output voltage, the output ripple is highest at
maximum input voltage since DIL increases with input
voltage.
Aluminum electrolytic and dry tantalum capacitors are
both available in surface mount configurations. In the
case of tantalum, it is critical that the capacitors are
surge tested for use in switching power supplies. An
excellent choice is the AVX TPS series of surface mount
tantalum. These are specially constructed and tested for
low ESR so they give the lowest ESR for a given
volume. Other capacitor types include Sanyo POSCAP,
Kemet T510 and T495 series, and Sprague 593D and
595D series. Consult the manufacturer for other specific
recommendations.
2013.01. 28
13/17
SEMICONDUCTOR
TECHNICAL D ATA
FTD6821
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com