Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTD6821 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTD6821
Description  1.5MHz switching frequency minimizes the external components
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD6821 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTD6821 Datasheet HTML 1Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 2Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 3Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 4Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 5Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 6Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 7Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 8Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The FTD6821 are high-efficiency 1.5MHz synchronous
step-down DC-DC regulator ICs capable of delivering
up to 1.5A output currents, respectively.
The FTD6821 operates over a wide input voltage range
from 3V to 5.5V and integrate main switch and
synchronous switch with very low RDS(ON) to minimize
the conduction loss.
Low output voltage ripple and small external inductor
and capacitor sizes are achieved with
1.5MHz switching frequency.
Features
low Rds(on) for internal switches (top/bottom):
3-5.5V input voltage range
1.5MHz switching frequency minimizes
the external components
Internal softstart limits the inrush current
100% dropout operation
Compact and thermally enhanced package:
SOP8-PP
Applications
LCD TV WiFi
Card GPS
Access Point Router
Set Top Box
Package Types
Figure 1. Package Types of FTD6821
2013.01. 28
1/17
SEMICONDUCTOR
TECHNICAL D ATA
FTD6821
Revision No : 0


Similar Part No. - FTD6821

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTD6810 FS-FTD6810 Datasheet
751Kb / 16P
1.5MHz 0.8A Synchronous Step-Down Regu ator
FTD6811 FS-FTD6811 Datasheet
1Mb / 16P
1.5MHz 1.2A Synchronous Step-Down Regulator
FTD6811T FS-FTD6811T Datasheet
1Mb / 16P
1.5MHz 1.2A Synchronous Step-Down Regulator
FTD6817 FS-FTD6817 Datasheet
1Mb / 16P
1.5MHz 2.0A Synchronous Step-Down Regulator
More results

Similar Description - FTD6821

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILA7052N IKSEMICON-ILA7052N Datasheet
149Kb / 3P
No external components
ILA7053N IKSEMICON-ILA7053N Datasheet
330Kb / 6P
No external components
ILA7056 IKSEMICON-ILA7056 Datasheet
148Kb / 4P
No external components
ILA7056B IKSEMICON-ILA7056B Datasheet
391Kb / 7P
Few external components
logo
IXYS Corporation
CPC5712 IXYS-CPC5712 Datasheet
233Kb / 11P
Minimum External Components
logo
Diodes Incorporated
DMNH4006SK3Q DIODES-DMNH4006SK3Q Datasheet
498Kb / 7P
Low Qg ??Minimizes Switching Loss
Rev 1
logo
Sanken electric
SPF8033J SANKEN-SPF8033J Datasheet
208Kb / 1P
External components
logo
Unisonic Technologies
TDA7360L-J11-T UTC-TDA7360L-J11-T Datasheet
235Kb / 6P
Very few external components
logo
STMicroelectronics
STEVAL-ISA048V2 STMICROELECTRONICS-STEVAL-ISA048V2 Datasheet
164Kb / 4P
Few external components
01-Jul-2009
logo
Texas Instruments
UA7900 TI1-UA7900 Datasheet
147Kb / 10P
No External Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com