Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTD6821 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTD6821
Description  1.5MHz switching frequency minimizes the external components
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD6821 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTD6821 Datasheet HTML 1Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 2Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 3Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 4Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 5Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 6Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 7Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 8Page - First Silicon Co., Ltd FTD6821 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Pin Configurations
Figure 2 Pin Con�iguration of FTD6821 (Top View)
Pin Description
Pin Number
Pin Name
Description
7,5
EN1,2
Enable Pin. EN is a digital input that turns the regulator on or off .Drive EN pin
high to turn on the regulator, drive it low to turn it off.
Exposed
paddle
GND
Ground Pin..
2,4
LX1,2
Power Switch Output Pin. SW is the switch node that supplies power to the
output.
1,3
IN1,2
Input pin. Decouple this pin to GND paddle with at least 10uF ceramic cap.
8,6
FB1,2
Feedback Pin. Through an external resistor divider network, FB senses the
output voltage and regulates it. The feedback threshold voltage is 0.6V.
2013.01. 28
2/17
SEMICONDUCTOR
TECHNICAL D ATA
FTD6821
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com