Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSA400 Datasheet(PDF) 2 Page - Microchip Technology

Part # DSA400
Description  Configurable Four Output, Low Jitter Clock Generator for Automotive
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA400 Datasheet(HTML) 2 Page - Microchip Technology

  DSA400 Datasheet HTML 1Page - Microchip Technology DSA400 Datasheet HTML 2Page - Microchip Technology DSA400 Datasheet HTML 3Page - Microchip Technology DSA400 Datasheet HTML 4Page - Microchip Technology DSA400 Datasheet HTML 5Page - Microchip Technology DSA400 Datasheet HTML 6Page - Microchip Technology DSA400 Datasheet HTML 7Page - Microchip Technology DSA400 Datasheet HTML 8Page - Microchip Technology DSA400 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DSA400
DS20006356A-page 2
 2020 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage .......................................................................................................................................... –0.3V to +4.0V
Input Voltage ...................................................................................................................................... –0.3V to VDD+0.3V
ESD Protection (HBM) ...............................................................................................................................................4 kV
ESD Protection (MM) ............................................................................................................................................... 400V
ESD Protection (CDM) ............................................................................................................................................1.5 kV
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Charcteristics: VDD = 3.3V; TA = +25°C unless otherwise specified.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Supply Voltage (Note 1)
VDD
2.25
—
3.6
V
—
Core Supply Current (Note 2)
IDDCORE
—
40
44
mA
OE(1:2) = 0. All outputs
disabled.
Frequency Stability
Δf
—
—
±25
ppm
All temperature and VDD
ranges.
—
—
±50
Aging - First Year
ΔfY1
—
—
±5
ppm
One year at +25°C
Aging - After First Year
ΔfY2+
—
—
<±1
ppm/yr
Year two and beyond at
+25°C
Start-up Time (Note 3)
tSU
—
—
5
ms
T = +25°C
Input Logic Levels
VIH
0.75 x VDD
—
—
V
Input logic high
VIL
—
—
0.25 x VDD
Input logic low
Output Disable Time (Note 4)
tDA
—
—
5
ns
OE(1:2) transition
from 1 to 0
Output Enable Time (Note 4)
tEN
—
—
20
ns
OE(1:2) transition
from 0 to 1
Pull-Up Resistor
RPU
—
40
—
kΩ
All input pins have an
internal pull-up
Note 1: VDD pins should be filtered with a 0.1 μF capacitor connected between VDD and VSS.
2: The addition of IDDCORE and IDDIO provides the total current consumption of the device.
3: tSU is time to 100 ppm stable output frequency after VDD is applied and outputs are enabled.
4: See the Output Waveform section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com