Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSA400 Datasheet(PDF) 7 Page - Microchip Technology

Part # DSA400
Description  Configurable Four Output, Low Jitter Clock Generator for Automotive
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA400 Datasheet(HTML) 7 Page - Microchip Technology

Back Button DSA400 Datasheet HTML 3Page - Microchip Technology DSA400 Datasheet HTML 4Page - Microchip Technology DSA400 Datasheet HTML 5Page - Microchip Technology DSA400 Datasheet HTML 6Page - Microchip Technology DSA400 Datasheet HTML 7Page - Microchip Technology DSA400 Datasheet HTML 8Page - Microchip Technology DSA400 Datasheet HTML 9Page - Microchip Technology DSA400 Datasheet HTML 10Page - Microchip Technology DSA400 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
 2020 Microchip Technology Inc.
DS20006356A-page 7
DSA400
4.2
LVDS
100 Ω
100 Ω
Load (receiver IC)
FIGURE 4-2:
Typical LVDS Termination Scheme.
If the 100Ω clamping resistor does not exist inside the receiving device, it should be added externally on the PCB and
placed as close as possible to the receiver.
TABLE 4-2:
LVDS OUTPUTS
Parameter
Symbol
Min.
Typ.
Max.
Units
Condition
Output Offset
Voltage
VOS
1.125
—
1.46
V
R = 100Ω Differential
Delta Offset
Voltage
∆VOS
—
—
100
mV
—
Peak-to-Peak
Output Swing
VPP
—
350
—
mV
Single-Ended
Output
Transition Time
(Note 1)
tR
—
200
—
ps
Rise Time, 20% to 80%, RL= 50Ω,
CL= 2 pF
tF
—
200
—
Fall Time, 20% to 80%, RL= 50Ω,
CL= 2 pF
Frequency
f0
2.3
—
460
MHz
Single Frequency
Output Duty
Cycle
SYM
48
—
52
%
Differential
IO Supply
Current (Note 2)
IDDIO
—
9
12
mA
Per Output at 125 MHz
Period Jitter
JPER
—
2.5
—
psRMS —
Integrated
Phase Noise
JPH
—
0.28
—
psRMS
200 kHz to 20 MHz @ 156.25 MHz
—
0.4
—
100 kHz to 20 MHz @ 156.25 MHz
—
1.7
2.0
12 kHz to 20 MHz @156.25 MHz
Note 1: See the Output Waveform section for more information.
2: The addition of IDDCORE and IDDIO provides the total current consumption of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com