Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSA400 Datasheet(PDF) 6 Page - Microchip Technology

Part # DSA400
Description  Configurable Four Output, Low Jitter Clock Generator for Automotive
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA400 Datasheet(HTML) 6 Page - Microchip Technology

Back Button DSA400 Datasheet HTML 2Page - Microchip Technology DSA400 Datasheet HTML 3Page - Microchip Technology DSA400 Datasheet HTML 4Page - Microchip Technology DSA400 Datasheet HTML 5Page - Microchip Technology DSA400 Datasheet HTML 6Page - Microchip Technology DSA400 Datasheet HTML 7Page - Microchip Technology DSA400 Datasheet HTML 8Page - Microchip Technology DSA400 Datasheet HTML 9Page - Microchip Technology DSA400 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
DSA400
DS20006356A-page 6
 2020 Microchip Technology Inc.
4.0
TERMINATION SCHEMES
4.1
LVPECL
VDD
100 Ω
130 Ω
82 Ω
130 Ω
82 Ω
FIGURE 4-1:
Typical LVPECL Termination Scheme.
TABLE 4-1:
LVPECL OUTPUTS (Note 1)
Parameter
Symbol
Min.
Typ.
Max.
Units
Condition
Output Logic
Levels
VOH
VDD – 1.08
—
—
V
Output Logic High, RL = 50Ω to VDD–2V
VOL
—
—
VDD – 1.55
Output Logic Low, RL = 50Ω to VDD–2V
Peak-to-Peak
Output Swing
—
—
800
—
mV
Single-Ended
Output
Transition Time
(Note 2)
tR
—
250
—
ps
Rise Time. 20% to 80%; RL = 50Ω to
VDD–2V
tF
—
250
—
Fall Time. 20% to 80%; RL = 50Ω to VDD–
2V
Frequency
f0
2.3
—
460
MHz
Single Frequency
Output Duty
Cycle
SYM
48
—
52
%
Differential
IO Supply
Current (Note 3)
IDDIO
—
35
38
mA
Per Output at 125 MHz
Period Jitter
(Note 4)
JPER
—
2.5
—
psRMS CLK(0:3) = 156.25 MHz
Integrated
Phase Noise
JPH
—
0.25
—
psRMS
200 kHz to 20 MHz @ 156.25 MHz
—
0.38
—
100 kHz to 20 MHz @ 156.25 MHz
—
1.7
2
12 kHz to 20 MHz @ 156.25 MHz
Note 1: LVPECL applicable to automotive Grade 3 temperature only.
2: See the Output Waveform section for more information.
3: The addition of IDDCORE and IDDIO provides the total current consumption of the device.
4: Period jitter includes crosstalk from adjacent output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com