Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSA400 Datasheet(PDF) 10 Page - Microchip Technology

Part # DSA400
Description  Configurable Four Output, Low Jitter Clock Generator for Automotive
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA400 Datasheet(HTML) 10 Page - Microchip Technology

Back Button DSA400 Datasheet HTML 6Page - Microchip Technology DSA400 Datasheet HTML 7Page - Microchip Technology DSA400 Datasheet HTML 8Page - Microchip Technology DSA400 Datasheet HTML 9Page - Microchip Technology DSA400 Datasheet HTML 10Page - Microchip Technology DSA400 Datasheet HTML 11Page - Microchip Technology DSA400 Datasheet HTML 12Page - Microchip Technology DSA400 Datasheet HTML 13Page - Microchip Technology DSA400 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
DSA400
DS20006356A-page 10
 2020 Microchip Technology Inc.
5.0
OUTPUT WAVEFORM
OE
tR
tF
1/f0
tDA
tEN
Clk
Clk
VIL
VIH
50%
20%
80%
FIGURE 5-1:
Differential Output (LVDS, LVPECL, HCSL).
OE
tR
tF
1/f0
tDA
tEN
Clk
VIL
VIH
VOL
VOH
FIGURE 5-2:
LVCMOS Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com