Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSA400 Datasheet(PDF) 8 Page - Microchip Technology

Part # DSA400
Description  Configurable Four Output, Low Jitter Clock Generator for Automotive
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA400 Datasheet(HTML) 8 Page - Microchip Technology

Back Button DSA400 Datasheet HTML 4Page - Microchip Technology DSA400 Datasheet HTML 5Page - Microchip Technology DSA400 Datasheet HTML 6Page - Microchip Technology DSA400 Datasheet HTML 7Page - Microchip Technology DSA400 Datasheet HTML 8Page - Microchip Technology DSA400 Datasheet HTML 9Page - Microchip Technology DSA400 Datasheet HTML 10Page - Microchip Technology DSA400 Datasheet HTML 11Page - Microchip Technology DSA400 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DSA400
DS20006356A-page 8
 2020 Microchip Technology Inc.
4.3
HCSL
33Ω
33Ω
FIGURE 4-3:
Typical HCSL Termination Scheme.
The 33Ω series resistors are needed to avoid excessive ringing.
TABLE 4-3:
HCSL OUTPUTS
Parameter
Symbol
Min.
Typ.
Max.
Units
Condition
Output Logic
Levels
VOH
0.725
—
—
V
Output Logic High, RL = 50Ω
VOL
—
—
0.1
Output Logic Low, RL = 50Ω
Peak-to-Peak
Output Swing
—
—
750
—
mV
Single-Ended
Output
Transition Time
(Note 1)
tR
200
—
400
ps
Rise Time, 20% to 80%, RL= 50Ω,
CL= 2 pF
tF
200
—
400
Fall Time, 20% to 80%, RL= 50Ω,
CL= 2 pF
Frequency
f0
2.3
—
460
MHz
Single Frequency
Output Duty
Cycle
SYM
48
—
52
%
Differential
IO Supply
Current (Note 2)
IDDIO
—
20
22
mA
Per Output at 125 MHz.
Period Jitter
JPER
—
2.5
—
psRMS —
Integrated
Phase Noise
JPH
—
0.25
—
psRMS
200 kHz to 20 MHz @ 156.25 MHz
—
0.37
—
100 kHz to 20 MHz @ 156.25 MHz
—
1.7
2.0
12 kHz to 20 MHz @156.25 MHz
Note 1: See the Output Waveform section for more information.
2: The addition of IDDCORE and IDDIO provides the total current consumption of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com