Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSA400 Datasheet(PDF) 17 Page - Microchip Technology

Part # DSA400
Description  Configurable Four Output, Low Jitter Clock Generator for Automotive
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA400 Datasheet(HTML) 17 Page - Microchip Technology

Back Button DSA400 Datasheet HTML 12Page - Microchip Technology DSA400 Datasheet HTML 13Page - Microchip Technology DSA400 Datasheet HTML 14Page - Microchip Technology DSA400 Datasheet HTML 15Page - Microchip Technology DSA400 Datasheet HTML 16Page - Microchip Technology DSA400 Datasheet HTML 17Page - Microchip Technology DSA400 Datasheet HTML 18Page - Microchip Technology DSA400 Datasheet HTML 19Page - Microchip Technology DSA400 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
 2020 Microchip Technology Inc.
DS20006356A-page 17
DSA400
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a)
DSA400-2143QxxxxKI1VAO:
Configurable Four Output, Low Jitter Clock Generator;
LVPECL CLK3; LVCMOS CLK2; HCSL CLK1; LVDS
CLK0; Frequency Code; 20-Pin QFN; –40°C to +85°C
Temp. Range; ±50 ppm Stability; 72/Tube;
Standard automotive
b)
DSA400-4132QxxxKI2TVAO:
Configurable Four Output, Low Jitter Clock Generator;
HCSL CLK3; LVCMOS CLK2; LVDS CLK1; LVPECL
CLK0; Frequency Code; 20-Pin QFN; –40°C to +85°C
Temp. Range; ±25 ppm Stability;
1,000/Reel; Standard automotive
c)
DSA400-0303QxxxxKL2VAO:
Configurable Four Output, Low Jitter Clock Generator;
OFF CLK3; LVDS CLK2; OFF CLK1; LVDS CLK0; Fre-
quency Code; 20-Pin QFN; –40°C to +105°C Temp.
Range; ±25 ppm Stability;
72/Tube; Standard automotive
d)
DSA400-1111QxxxxKL1TVAO:
Configurable Four Output, Low Jitter Clock Generator;
LVCMOS CLK3 through CLK0;
Frequency Code; 20-Pin QFN; –40°C to +105°C Temp.
Range; ±50 ppm Stability; 1,000/Reel;
Standard automotive
PART NO.
X
X
Package
Stability
Device
Device:
DSA400:
Configurable Four Output, Low Jitter
Clock Generator
CLK3 Output
Format:
0
=
OFF
1
=
LVCMOS
2
=
LVPECL
3
=
LVDS
4
=
HCSL
CLK2 Output
Format:
1
=
LVCMOS
2
=
LVPECL
3
=
LVDS
4
=
HCSL
CLK1 Output
Format:
0
=
OFF
1
=
LVCMOS
2
=
LVPECL
3
=
LVDS
4
=
HCSL
CLK0 Output
Format:
1
=
LVCMOS
2
=
LVPECL
3
=
LVDS
4
=
HCSL
Frequency Code:
Qxxxx =
This code is assigned by the factory. See
Table 0-1 in this section for more information.
Package:
K
=
20-Pin QFN
Temperature
Range:
L
=
–40°C to +105°C (Automotive Grade 2)
I
=
–40°C to +85°C (Automotive Grade 3)
Stability:
1
=
±50 ppm
2
=
±25 ppm
Packing:
Blank =
72/Tube
T
=
1,000/Reel
Automotive Suffix: VXX = Automotive Suffix in which “XX” is assigned by
Microchip. Default value is “AO” for standard automo-
tive part
X
CLK3
X
Temp.
Qxxxx
Freq.
Output
Format
X
CLK2
Output
Format
X
CLK1
Output
Format
X
CLK0
Output
Format
Code
Range
X
Packing
XXX
Automotive
Suffix
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com