Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSA400 Datasheet(PDF) 1 Page - Microchip Technology

Part # DSA400
Description  Configurable Four Output, Low Jitter Clock Generator for Automotive
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA400 Datasheet(HTML) 1 Page - Microchip Technology

  DSA400 Datasheet HTML 1Page - Microchip Technology DSA400 Datasheet HTML 2Page - Microchip Technology DSA400 Datasheet HTML 3Page - Microchip Technology DSA400 Datasheet HTML 4Page - Microchip Technology DSA400 Datasheet HTML 5Page - Microchip Technology DSA400 Datasheet HTML 6Page - Microchip Technology DSA400 Datasheet HTML 7Page - Microchip Technology DSA400 Datasheet HTML 8Page - Microchip Technology DSA400 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2020 Microchip Technology Inc.
DS20006356A-page 1
DSA400
Features
• AEC-Q100 Automotive Qualified
• Low RMS Phase Jitter: <1 ps (typ.)
• Complies with PCIe Gen1/2/3/4 Common Clock
Spec
• High Stability: ±25 ppm, ±50 ppm
• Wide Temperature Range:
- Automotive Grade 2: –40°C to +105°C
- Automotive Grade 3: –40°C to +85°C
• High Supply Noise Rejection: –50 dBc
• Four Format-Configurable Outputs:
- LVPECL, LVDS, HCSL, LVCMOS
• Available Pin-Selectable Frequency Table
- 1 Pin per Bank for 2 Frequency Sets
• Wide Frequency Range:
- 2.3 MHz – 460 MHz
• 20-Pin QFN Footprint (5.0 mm x 3.2 mm)
• Excellent Shock and Vibration Immunity
• High Reliability
- 20x better MTF than quartz-based devices
• Wide Supply Range of 2.25V to 3.6V
• Lead Free and RoHS-Compliant
Applications
• Automotive Infotainment
• Automotive ADAS
• Autonomous Driving
• In-Vehicle Network
General Description
The DSA400 is a four output clock generator. It utilizes
proven PureSilicon™ MEMS technology to provide
excellent jitter and stability while incorporating
additional device functionality.
The nominal frequencies of the outputs can be identical
or independently derived from common PLLs.
The four output DSA400 MEMS oscillators are
excellent choices for use as clock references in
automotive applications in which small size, low power
consumption, and long-term reliability are paramount.
The DSA400 is AEC-Q100 qualified.
Each output may be configured independently to
support a single-ended LVCMOS interface or a
differential interface. Differential options include
LVPECL, LVDS, or HCSL.
The DSA400 provides two independent select lines for
choosing between two sets of pre-configured
frequencies per bank. It also has two OE pins to allow
for enabling and disabling outputs.
The DSA400 is packaged in a 20-pin QFN (5 mm x
3.2 mm) and is available in extended commercial and
industrial temperature grades.
The DSA400 is a highly configurable device and is
factory programmed to meet the customer’s needs.
Microchip’s ClockWorks Configurator must be used to
choose the necessary options, create the final part
number, data sheet, and order samples.
Block Diagram
CLK0+
BANK 2
OUTPUT
CONTROL
AND
DIVIDERS
CONTROL
CIRCUITRY
MEMS
PLL
OE1
OE2
FSB1
FSB2
BANK 1
CLK0-
CLK3+
CLK3-
CLK1+
CLK1-
CLK2+
CLK2-
PLL
Configurable Four Output, Low Jitter Clock Generator for Automotive


Similar Part No. - DSA400

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DSA480 XPPOWER-DSA480 Datasheet
670Kb / 5P
AC-DC Power Supplies
DSA480PS24 XPPOWER-DSA480PS24 Datasheet
670Kb / 5P
AC-DC Power Supplies
DSA480PS48 XPPOWER-DSA480PS48 Datasheet
670Kb / 5P
AC-DC Power Supplies
More results

Similar Description - DSA400

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3624 MAXIM-MAX3624 Datasheet
293Kb / 12P
Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 8/07
MAX3624_0711 MAXIM-MAX3624_0711 Datasheet
418Kb / 13P
Low-Jitter, Precision Clock Generator with Four Outputs
Rev 1; 11/07
logo
Texas Instruments
CDCM61004 TI-CDCM61004 Datasheet
867Kb / 35P
Four Output, Integrated VCO, Low-Jitter Clock Generator
logo
Maxim Integrated Produc...
MAX3624A MAXIM-MAX3624A Datasheet
396Kb / 12P
Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 10/09
logo
Texas Instruments
CDCM61004 TI-CDCM61004_10 Datasheet
790Kb / 34P
Four Output, Integrated VCO, Low-jitter Clock Generator
CDCM61004_101 TI-CDCM61004_101 Datasheet
714Kb / 35P
Four Output, Integrated VCO, Low-Jitter Clock Generator
logo
Microchip Technology
DSC400 MICROCHIP-DSC400 Datasheet
258Kb / 20P
Configurable Four Output, Low Jitter Crystal-less??Clock Generator
06/23/16
logo
Micrel Semiconductor
DSC400 MICREL-DSC400 Datasheet
456Kb / 15P
Configurable Four Output, Low Jitter Crystal-less??Clock Generator
logo
Texas Instruments
CDCM61004 TI1-CDCM61004_17 Datasheet
1Mb / 39P
Four Output, Integrated VCO, Low-Jitter Clock Generator
logo
Microchip Technology
DSA2311KA2-R0005VAO MICROCHIP-DSA2311KA2-R0005VAO Datasheet
1Mb / 5P
Crystal-less??Configurable Clock Generator for Automotive
April 09, 2018 Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com