Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN7430/Y9X Datasheet(PDF) 20 Page - Microchip Technology

Part # LAN7430/Y9X
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430/Y9X Datasheet(HTML) 20 Page - Microchip Technology

Back Button LAN7430/Y9X Datasheet HTML 16Page - Microchip Technology LAN7430/Y9X Datasheet HTML 17Page - Microchip Technology LAN7430/Y9X Datasheet HTML 18Page - Microchip Technology LAN7430/Y9X Datasheet HTML 19Page - Microchip Technology LAN7430/Y9X Datasheet HTML 20Page - Microchip Technology LAN7430/Y9X Datasheet HTML 21Page - Microchip Technology LAN7430/Y9X Datasheet HTML 22Page - Microchip Technology LAN7430/Y9X Datasheet HTML 23Page - Microchip Technology LAN7430/Y9X Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 77 page
background image
LAN7430/LAN7431
DS00002631D-page 20
 2018-2019 Microchip Technology Inc.
TX Negative
PCIE_TX_M
AO
PCIe Serial Data Output negative.
Serial differential output link in the PCIe interface running
at 2.5 GT/s.
A series capacitor in the range of 100nF to 200nF is
required.
RX Positive
PCIE_RX_P
AI
PCIe Serial Data Input positive.
Serial differential input link in the PCIe interface running
at 2.5 GT/s.
RX Negative
PCIE_RX_M
AI
PCIe Serial Data Input negative.
Serial differential input link in the PCIe interface running
at 2.5 GT/s.
External Refer-
ence Clock
Positive
PCIE_CLK_P
AI
PCIe Differential Reference Clock In positive
This pin receives a 100 MHz differential clock input.
External Refer-
ence Clock
Negative
PCIE_CLK_M
AI
PCIe Differential Reference Clock In negative
This pin receives a 100 MHz differential clock input.
External Refer-
ence Resistor
RESREF
AI
This pin should be connect to ground through a 200 ohm
1% 100 ppm / C resistor.
Wake up
WAKE#
IS / OD4
Wake
This signal is driven low when the device detects a
wakeup.
In OBFF mode, OBFF events are signaled using the
WAKE#
pin as an input.
Note:
When the device is powered down, this pin is
isolated from the PCIe bus and does not
present any significant loading or provide any
drive.
PCIe Reset
PERST#
IS
Power and Clock Good Indication
The PERST# signal indicates that both PCIe power and
clock are available.
Note:
When the device is powered down, this pin is
isolated from the PCIe bus and does not
present any significant loading or provide any
drive.
Clock Request
CLKREQ#
IS / OD4
Clock Request
The CLKREQ# signal is used to power manage the Link
clock. It is also used for L1 power management Sub state
control.
Note:
When the device is powered down, this pin is
isolated from the PCIe bus and does not
present any significant loading or provide any
drive.
TABLE 3-3:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com