Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN7430/Y9X Datasheet(PDF) 7 Page - Microchip Technology

Part # LAN7430/Y9X
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430/Y9X Datasheet(HTML) 7 Page - Microchip Technology

Back Button LAN7430/Y9X Datasheet HTML 3Page - Microchip Technology LAN7430/Y9X Datasheet HTML 4Page - Microchip Technology LAN7430/Y9X Datasheet HTML 5Page - Microchip Technology LAN7430/Y9X Datasheet HTML 6Page - Microchip Technology LAN7430/Y9X Datasheet HTML 7Page - Microchip Technology LAN7430/Y9X Datasheet HTML 8Page - Microchip Technology LAN7430/Y9X Datasheet HTML 9Page - Microchip Technology LAN7430/Y9X Datasheet HTML 10Page - Microchip Technology LAN7430/Y9X Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 77 page
background image
 2018-2019 Microchip Technology Inc.
DS00002631D-page 7
LAN7430/LAN7431
1.3
Register Bit Types
Table 1-3 describes the register but attributes used throughout this document.
1.4
Reference Documents
1.
IEEE 802.3TM-2015 IEEE Standard for Ethernet,
http://standards.ieee.org/about/get/802/802.3.html
2.
IEEE 802.1DTM-2004 IEEE Standard for Local and Metropolitan Area Networks - Media Access Control (MAC)
Bridges,
http://standards.ieee.org/about/get/802/802.1.html
3.
IEEE 802.1QTM-2014 IEEE Standard for Local and Metropolitan Area Networks - Bridges and Bridged Networks,
http://standards.ieee.org/about/get/802/802.1.html
4.
IEEE 1149.1-2013 IEEE Standard for Test Access Port and Boundary-Scan Architecture,
https://standards.ieee.org/findstds/standard/1149.1-2013.html
5.
IEEE 1588-2008 IEEE Standard for Precision Clock Synchronization Protocol for Networked Measurement and
Control Systems,
https://standards.ieee.org/findstds/standard/1588-2008.html
6.
Reduced Gigabit Media Independent Interface (RGMII) Specification Version 2.0,
https://web.archive.org/web/20160303171328/http://www.hp.com/rnd/pdfs/RGMIIv2_0_final_hp.pdf
7.
PCI Express
® Base Specification Revision 3.1a, https://pcisig.com/specifications
8.
PCI Bus Power Management Interface Specification Revision 1.2,
https://pcisig.com/specifications
TABLE 1-3:
REGISTER BIT TYPES
Register Bit Type Notation
Register Bit Description
R
Read:
A register or bit with this attribute can be read.
W
Write:
A register or bit with this attribute can be written.
RO
Read only:
Read only. Writes have no effect.
WO
Write only:
If a register or bit is write-only, reads will return unspecified data.
W1S
Write One to Set:
Writing a one sets the value. Writing a zero has no effect.
W1C
Write One to Clear:
Writing a one clears the value. Writing a zero has no effect.
WAC
Write Anything to Clear:
Writing anything clears the value.
RC
Read to Clear:
Contents is cleared after the read. Writes have no effect.
LL
Latch Low:
Clear on read of register.
LH
Latch High:
Clear on read of register.
SC
Self-Clearing:
Contents is self-cleared after being set. Writes of zero have no effect.
Contents can be read.
RO/LH
Read Only, Latch High:
This mode is used by the Ethernet PHY registers. Bits with
this attribute will stay high until the bit is read. After it a read, the bit will remain high, but
will change to low if the condition that caused the bit to go high is removed. If the bit has
not been read the bit will remain high regardless of if its cause has been removed.
NALR
Not Affected by Lite Reset.
The state of NALR bits does not change on assertion of a
lite reset.
NASR
Not Affected by Software Reset.
The state of NASR bits does not change on asser-
tion of a software reset.
STKY
This field is “Sticky” in that it is neither initialized nor modified by hot reset or Function
Level Reset.
RESERVED
Reserved Field:
Reserved fields must be written with zeros, unless otherwise indi-
cated, to ensure future compatibility. The value of reserved bits is not guaranteed on a
read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com