Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN7430/Y9X Datasheet(PDF) 5 Page - Microchip Technology

Part # LAN7430/Y9X
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430/Y9X Datasheet(HTML) 5 Page - Microchip Technology

  LAN7430/Y9X Datasheet HTML 1Page - Microchip Technology LAN7430/Y9X Datasheet HTML 2Page - Microchip Technology LAN7430/Y9X Datasheet HTML 3Page - Microchip Technology LAN7430/Y9X Datasheet HTML 4Page - Microchip Technology LAN7430/Y9X Datasheet HTML 5Page - Microchip Technology LAN7430/Y9X Datasheet HTML 6Page - Microchip Technology LAN7430/Y9X Datasheet HTML 7Page - Microchip Technology LAN7430/Y9X Datasheet HTML 8Page - Microchip Technology LAN7430/Y9X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
 2018-2019 Microchip Technology Inc.
DS00002631D-page 5
LAN7430/LAN7431
MSI / MSI-X
Message Signaled Interrupt
N/A
Not Applicable
OTP
One Time Programmable
PCS
Physical Coding Sublayer
PLL
Phase Locked Loop
PMIC
Power Management IC
POR
Power on Reset.
PTP
Precision Time Protocol
QWORD
64-bits
RESERVED
Refers to a reserved bit field or address. Unless otherwise noted, reserved bits must
always be zero for write operations. Unless otherwise noted, values are not guaran-
teed when reading reserved bits. Unless otherwise noted, do not read or write to
reserved addresses.
RGMII
Reduced Gigabit Media Independent Interface
RMII
Reduced Media Independent Interface
RMON
Remote Monitoring
SA
Source Address
SCSR
System Control and Status Registers
SEF
Single Ethernet Frame
SFD
Start of Frame Delimiter - The 8-bit value indicating the end of the preamble of an
Ethernet frame
SMNP
Simple Network Management Protocol
TMII
Turbo Media Independent Interface
UDP
User Datagram Protocol - A connectionless protocol run on top of IP networks
WORD
16-bits
TABLE 1-1:
GENERAL TERMS (CONTINUED)
Term
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com