Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN7430/Y9X Datasheet(PDF) 63 Page - Microchip Technology

Part # LAN7430/Y9X
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430/Y9X Datasheet(HTML) 63 Page - Microchip Technology

Back Button LAN7430/Y9X Datasheet HTML 59Page - Microchip Technology LAN7430/Y9X Datasheet HTML 60Page - Microchip Technology LAN7430/Y9X Datasheet HTML 61Page - Microchip Technology LAN7430/Y9X Datasheet HTML 62Page - Microchip Technology LAN7430/Y9X Datasheet HTML 63Page - Microchip Technology LAN7430/Y9X Datasheet HTML 64Page - Microchip Technology LAN7430/Y9X Datasheet HTML 65Page - Microchip Technology LAN7430/Y9X Datasheet HTML 66Page - Microchip Technology LAN7430/Y9X Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 77 page
background image
 2018-2019 Microchip Technology Inc.
DS00002631D-page 63
LAN7430/LAN7431
7.6.6.3
RGMII Receive Timing (RXC Internal Delay Enabled - MAC Provides Delay on Clock Input)
Note 7-30
7.2ns for 1000BASE-T operation, 36ns for 100BASE-TX operation, 360ns for 10BASE-T operation.
Minimum limits are non-sustainable long term.
Note 7-31
8ns for 1000BASE-T operation, 40ns for 100BASE-TX operation, 400ns for 10BASE-T operation.
Note 7-32
8.8ns for 1000BASE-T operation, 44ns for 100BASE-TX operation, 440ns for 10BASE-T operation.
Maximum limits are non-sustainable long term.
Note 7-33
45% for 1000BASE-T operation, 40% for 100BASE-TX or 10BASE-T operation.
Note 7-34
55% for 1000BASE-T operation, 60% for 100BASE-TX or 10BASE-T operation.
Note 7-35
A negative setup means that the data can arrive after the clock.
FIGURE 7-10:
RGMII RECEIVE TIMING (RXC INTERNAL DELAY ENABLED)
TABLE 7-18:
RGMII RECEIVE TIMING VALUES (RXC INTERNAL DELAY ENABLED)
Symbol
Description
Min
Typ
Max
Units
trxc
RXC period
Note 7-30
Note 7-31
Note 7-32
ns
tclkh
RXC high time
Note 7-33
50
Note 7-34
%
tclkl
RXC low time
Note 7-33
50
Note 7-34
%
tsetup
RXD[3:0], RX_CTL setup time to edge of RXC
-0.9
Note 7-35
ns
thold
RXD[3:0], RX_CTL hold time after edge of RXC
2.7
ns
RXC
RXD[3:0]
RX_CTL
tclkh
tclkl
trxc
RXD
[3:0]
RXD
[7:4]
RXDV
RXER
thold
tsetup
thold
tsetup
thold
tsetup
thold
tsetup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com