Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN7430/Y9X Datasheet(PDF) 21 Page - Microchip Technology

Part # LAN7430/Y9X
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430/Y9X Datasheet(HTML) 21 Page - Microchip Technology

Back Button LAN7430/Y9X Datasheet HTML 17Page - Microchip Technology LAN7430/Y9X Datasheet HTML 18Page - Microchip Technology LAN7430/Y9X Datasheet HTML 19Page - Microchip Technology LAN7430/Y9X Datasheet HTML 20Page - Microchip Technology LAN7430/Y9X Datasheet HTML 21Page - Microchip Technology LAN7430/Y9X Datasheet HTML 22Page - Microchip Technology LAN7430/Y9X Datasheet HTML 23Page - Microchip Technology LAN7430/Y9X Datasheet HTML 24Page - Microchip Technology LAN7430/Y9X Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
 2018-2019 Microchip Technology Inc.
DS00002631D-page 21
LAN7430/LAN7431
Auxiliary Voltage
Detect
VAUX_DET
VIS
(PD)
Auxiliary Voltage Detection
The VAUX_DET is used to indicate when PME from
D3cold is supported.
When tied to VSS, PME from D3cold is not supported.
The weak pull-down will create a logic low when plugged
into a system board that does not support the delivery of
the auxiliary voltage (the auxiliary voltage connection is
floating).
When the device is powered exclusively from auxiliary
voltage, this pin is tied to the auxiliary voltage (3.3V) to
indicate PME from D3cold is supported.
When the device is powered from a multiplexed main
voltage / auxiliary voltage, this pin is tied to the auxiliary
voltage (3.3V) to indicate PME from D3cold is supported
and to monitor the presence of the auxiliary voltage.
Note:
If alternate usage of this pin (GPIO3, LED3 or
TCK) is enabled, the pull-down is disabled and
the input value of the pin is overridden to a low
value.
Since this pin is shared with GPIO3, LED3 and TCK, a
series resistor is recommended to prevent an accidental
conflict with the auxiliary voltage. This resistor must be
low enough in value to override the on chip pull-down.
Crystal / Oscillator / External Reference Clock
Crystal / Oscilla-
tor / External Ref-
erence Clock
Input
XI
ICLK
When using a 25MHz crystal, this input is connected to
one lead of the crystal.
When using a 3.3V oscillator or external reference clock,
this is the input from the clock source.
The crystal, oscillator, or external reference clock should
have a tolerance of ±50ppm.
Crystal Output
XO
OCLK
When using a 25MHz crystal, this output is connected to
one lead of the crystal.
When using an oscillator or external clock source, this pin
is not connected.
EEPROM
EEPROM Chip
Select
EECS
VO12
(PD)
This pin drives the chip select input of the external
EEPROM.
Note:
The internal pull-down holds a low on the
output pin during reset.
TABLE 3-3:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com