Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN7430/Y9X Datasheet(PDF) 73 Page - Microchip Technology

Part # LAN7430/Y9X
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430/Y9X Datasheet(HTML) 73 Page - Microchip Technology

Back Button LAN7430/Y9X Datasheet HTML 69Page - Microchip Technology LAN7430/Y9X Datasheet HTML 70Page - Microchip Technology LAN7430/Y9X Datasheet HTML 71Page - Microchip Technology LAN7430/Y9X Datasheet HTML 72Page - Microchip Technology LAN7430/Y9X Datasheet HTML 73Page - Microchip Technology LAN7430/Y9X Datasheet HTML 74Page - Microchip Technology LAN7430/Y9X Datasheet HTML 75Page - Microchip Technology LAN7430/Y9X Datasheet HTML 76Page - Microchip Technology LAN7430/Y9X Datasheet HTML 77Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 73 / 77 page
background image
 2018-2019 Microchip Technology Inc.
DS00002631D-page 73
LAN7430/LAN7431
APPENDIX A:
DATA SHEET REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision Level & Date
Section/Figure/Entry
Correction
DS00002631D (06-25-19)
Section 7.4, "Power Consumption"
“Preliminary” removed from tables 7-3
and 7-4.
DS00002631C (04-17-19)
Product Identification System
Page modified to include automotive
part numbers.
DS00002631B (10-24-18)
Section 6.1.2, "Reference Clock"
Added the following: “PCIe architecture
defines three clock distribution methods:
common clock, data clock, and separate
clock. The LAN7430/LAN7431 devices
support the common clock method
where both end devices, such as a host
and the device, are using the same
clock source. The details of the common
clock method are provided in the PCIe
specification.”
Section 3.3, "Pin Descriptions"
Updated TEST pin description for clarity.
Cover, Section 2.1, "General Descrip-
tion", Section 6.1, "PCI Express PHY
(PCIe PHY)"
Removed references to “IEEE 1149.6”.
Section 6.12.7, "Soft-Lite Reset"
Added application note regarding LRST
configuration reload.
Table 6-3, "IEEE 1149.1 Op Codes"
Removed EXTEST_PULSE and
EXTEST_TRAIN entries from table.
Table 7-1, "48-SQFN Package Ther-
mal Parameters" and Table 7-2, "72-
SQFN Package Thermal Parameters"
Corrected
JC velocity columns to indi-
cate “N/A”.
Table 7-4, "LAN7431 Power Con-
sumption"
Corrected part number in table title.
Section 6.4, "RGMII (LAN7431 Only)" Added new section.
DS00002631A (02-09-18)
All
Initial Release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com