Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN7430/Y9X Datasheet(PDF) 53 Page - Microchip Technology

Part # LAN7430/Y9X
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430/Y9X Datasheet(HTML) 53 Page - Microchip Technology

Back Button LAN7430/Y9X Datasheet HTML 49Page - Microchip Technology LAN7430/Y9X Datasheet HTML 50Page - Microchip Technology LAN7430/Y9X Datasheet HTML 51Page - Microchip Technology LAN7430/Y9X Datasheet HTML 52Page - Microchip Technology LAN7430/Y9X Datasheet HTML 53Page - Microchip Technology LAN7430/Y9X Datasheet HTML 54Page - Microchip Technology LAN7430/Y9X Datasheet HTML 55Page - Microchip Technology LAN7430/Y9X Datasheet HTML 56Page - Microchip Technology LAN7430/Y9X Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 77 page
background image
 2018-2019 Microchip Technology Inc.
DS00002631D-page 53
LAN7430/LAN7431
TABLE 7-6:
VARIABLE I/O DC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min
Typ
1.8
Typ
2.5
Typ
3.3
Max
Units
Notes
VIS Type Input Buffer
Low Input Level
High Input Level
Schmitt Falling Trip Point
Schmitt Rising Trip Point
Schmitt Trigger Hysteresis
(VIHT - VILT)
Input Leakage
(VIN = VSS or VDDVARIO)
Input Capacitance
Pull-Up Impedance
(VIN = VSS)
Pull-Up Current
(VIN = VSS)
Pull-Down Impedance
(VIN = VDDVARIO)
Pull-Down Current
(VIN = VDDVARIO)
VIL
VIH
VT-
VT+
VHYS
IIH
CIN
RDPU
IDPU
RDPD
IDPD
0.63*VDDVARI
O
0.67
0.81
100
-10
59.1
19.7
59.4
19.7
0.80
0.94
141
2
70
26
70
26
1.09
1.22
123
2
70
36
70
36
1.42
1.54
127
2
70
47
70
47
0.39*VDDVARI
O
1.61
1.74
245
10
3
82.1
61.4
82.7
61.1
V
V
V
V
mV
µA
pF
KΩ
µA
KΩ
µA
Schmitt trigger
Schmitt trigger
Note 7-6
VO8 Type Buffer
Low Output Level
High Output Level
VOL
VOH
VDDVARIO - 0.4
0.4
V
V
IOL = -8 mA
IOH = 8 mA
VOD8 Type Buffer
Low Output Level
VOL
0.4
V
IOL = -8 mA
VO12 Type Buffer
Low Output Level
High Output Level
VOL
VOH
VDDVARIO - 0.4
0.4
V
V
IOL = -12 mA
IOH = 12 mA
VOD12 Type Buffer
Low Output Level
VOL
0.4
V
IOL = -12 mA
VOS12 Type Buffer
High Output Level
VOH
VDDVARIO - 0.4
V
IOH = 12 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com