Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6421 Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # AMMP-6421
Description  13-16 GHz 1W Power Amplifi er in SMT Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMMP-6421 Datasheet(HTML) 4 Page - Broadcom Corporation.

  AMMP-6421 Datasheet HTML 1Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 2Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 3Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 4Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 5Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 6Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 7Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 8Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
0
5
10
15
20
25
30
35
40
8
10
121416
1820
Frequency [GHz]
-80
-60
-40
-20
0
S21[dB]
S12[dB]
-20
-15
-10
-5
0
8
101214161820
Frequency [GHz]
5
10
15
20
25
30
35
8
101214161820
Frequency [GHz]
0
2
4
6
8
10
8
10
121416
1820
Frequency [GHz]
-40
-38
-36
-34
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
10
11
12
13
14
15
16
17
18
19
20
Frequency [GHz]
0
5
10
15
20
25
30
35
40
-25
-20
-15
-10
-5
0
5
10
15
Pin [dBm]
0
200
400
600
800
1000
1200
1400
1600
Pout(dBm)
PAE[%]
Id(total)
S11[dB]
S22[dB]
P-1
PAE
AMMP-6421 Typical Performances
(Data obtained from 3.5-mm connector based test fixture, and this data is including connecter loss, and board loss.)
(TA = 25°C, Vd = 5 V, Id(q) = 600 mA, Zin = Zout = 50
)
Figure 1. Typical Gain and Reverse Isolation
Figure 2. Typical Return Loss (Input and Output)
Figure 3. Typical Output Power (@P-1) and PAE and Frequency
Figure 4. Typical Noise Figure
Figure 5. Typical Output Power, PAE, and Total Drain Current versus Input
Power at 14GHz
Figure 6. Typical IM3 level vs. Frequency at +20dBm output single carrier
level (SCL)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com