Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6421 Datasheet(PDF) 7 Page - Broadcom Corporation.

Part # AMMP-6421
Description  13-16 GHz 1W Power Amplifi er in SMT Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMMP-6421 Datasheet(HTML) 7 Page - Broadcom Corporation.

Back Button AMMP-6421 Datasheet HTML 2Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 3Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 4Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 5Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 6Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 7Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 8Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 9Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 10Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Typical Scattering Parameters [1]
(TA = 25°C, Vd =5 V, ID = 600 mA, Zin = Zout = 50
)
Freq
[GHz]
S11
S21
S12
S22
dB
Mag
Phase
dB
Mag
Phase
dB
Mag
Phase
dB
Mag
Phase
1
3.22
1.45
-20.80
-20.82
0.09
-5.05
-35.45
1.69E-02
-113.80
3.60
1.51
158.04
2
0.82
1.10
-15.77
-22.80
0.07
-4.50
-37.48
1.34E-02
-113.80
1.56
1.20
149.01
3
-2.32
0.77
-6.21
-25.37
0.05
-3.56
-40.14
9.84E-03
-113.79
-0.64
0.93
134.19
4
-6.32
0.48
15.98
-29.01
0.04
-1.66
-43.99
6.32E-03
-113.79
-2.32
0.77
110.63
5
-8.24
0.39
64.29
-35.36
0.02
4.37
-51.09
2.79E-03
-113.77
-2.22
0.77
81.97
6
-4.75
0.58
102.83
-48.21
0.00
110.97
-62.67
7.35E-04
66.08
-0.44
0.95
59.24
7
-5.12
0.55
104.57
-45.45
0.01
84.47
-47.30
4.32E-03
-48.35
-0.32
0.96
40.55
8
-6.93
0.45
92.88
-19.99
0.10
111.07
-50.95
2.83E-03
175.39
-1.81
0.81
12.86
9
-7.57
0.42
69.98
2.91
1.40
16.33
-51.57
2.64E-03
147.20
-5.10
0.56
-24.21
10
-7.03
0.45
42.82
20.60
10.71
-119.19
-54.32
1.92E-03
146.44
-6.63
0.47
-33.47
11
-5.63
0.52
16.27
29.64
30.33
70.21
-56.65
1.47E-03
134.01
-5.09
0.56
-70.24
12
-5.04
0.56
5.80
30.63
34.01
-75.22
-56.90
1.43E-03
166.70
-8.25
0.39
-77.87
13
-4.07
0.63
-26.92
30.60
33.87
146.03
-57.11
1.39E-03
114.49
-8.88
0.36
-86.72
14
-8.53
0.37
-26.01
26.99
22.35
36.29
-61.39
8.52E-04
-39.90
-23.11
0.07
-40.24
15
-9.63
0.33
-32.05
25.98
19.91
-61.13
-56.95
1.42E-03
-163.33
-10.16
0.31
5.61
16
-8.89
0.36
-56.38
26.58
21.33
-172.51
-50.29
3.06E-03
-170.11
-6.59
0.47
-16.17
17
-10.61
0.29
-91.07
26.33
20.74
70.84
-70.34
3.04E-04
168.60
-8.98
0.36
-56.63
18
-5.44
0.53
-95.08
29.14
28.64
-92.98
-59.79
1.03E-03
-82.15
-12.98
0.22
-101.09
19
-6.01
0.50
-140.38
11.72
3.85
62.18
-47.74
4.10E-03
-43.64
-15.86
0.16
89.98
20
-9.54
0.33
169.29
-12.96
0.22
-10.58
-39.20
1.10E-02
-120.94
-5.92
0.51
-18.40
21
-15.70
0.16
64.10
-21.08
0.09
-129.11
-40.97
8.94E-03
-167.68
-2.35
0.76
-65.21
22
-5.81
0.51
27.18
-39.66
1.04E-02
150.93
-43.70
6.53E-03
159.88
-1.14
0.88
-90.95
23
-2.67
0.73
-6.68
-39.83
1.02E-02
104.74
-47.51
4.21E-03
105.92
-1.22
0.87
-107.37
24
-3.07
0.70
-31.53
-43.85
6.42E-03
-11.62
-53.42
2.13E-03
17.26
-1.23
0.87
-117.13
25
-4.30
0.61
-56.50
-44.41
6.02E-03
-98.07
-51.89
2.54E-03
-63.98
-1.12
0.88
-132.87
26
-5.42
0.54
-89.90
-50.60
2.95E-03
43.80
-46.85
4.55E-03
-67.11
-0.55
0.94
-148.59
27
-4.92
0.57
-125.50
-40.26
9.70E-03
-129.43
-41.20
8.71E-03
-101.52
-0.60
0.93
-168.10
28
-4.52
0.59
-148.37
-35.86
1.61E-02
-138.94
-41.27
8.64E-03
-164.60
-0.86
0.91
176.85
29
-4.56
0.59
-156.26
-40.91
9.01E-03
172.66
-44.67
5.84E-03
159.25
-0.47
0.95
167.80
30
-4.57
0.59
-151.19
-64.26
6.12E-04
40.57
-53.94
2.01E-03
89.72
-0.32
0.96
163.09
31
-5.29
0.54
-144.53
-44.94
5.66E-03
-107.38
-55.80
1.62E-03
-161.00
-0.43
0.95
154.34
Note:
1. Reference planes for this data are at the package RF I/O edges.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com