Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6421 Datasheet(PDF) 5 Page - Broadcom Corporation.

Part # AMMP-6421
Description  13-16 GHz 1W Power Amplifi er in SMT Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMMP-6421 Datasheet(HTML) 5 Page - Broadcom Corporation.

  AMMP-6421 Datasheet HTML 1Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 2Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 3Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 4Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 5Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 6Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 7Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 8Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
-80
-70
-60
-50
-40
-30
-20
-10
0
4
6
8 101214161820 222426
SCL [dBm]
500
550
600
650
700
750
800
850
900
IM3[dBc]
Ids[mA]
-80
-70
-60
-50
-40
-30
-20
-10
0
4
6
8 10 12 14 16 18 20 22 24 26
SCL [dBm]
500
550
600
650
700
750
800
850
900
-80
-70
-60
-50
-40
-30
-20
-10
0
4
6
8 10 12 14 16 18 20 22 24 26
SCL [dBm]
500
550
600
650
700
750
800
850
900
-80
-70
-60
-50
-40
-30
-20
-10
0
4
6
8 10 12 14 16 18 20 22 24 26
SCL [dBm]
500
550
600
650
700
750
800
850
900
IM3[dBc]
Ids[mA]
IM3[dBc]
Ids[mA]
IM3[dBc]
Ids[mA]
Typical Performance (continued)
(Data obtained from 3.5-mm connector based test fixture, and this data is including connecter loss, and board loss.)
(TA = 25°C, Vd = 5 V, Id(q) = 600 mA, Zin = Zout = 50
)
Figure 9. Typical IM3 level and Ids vs. single carrier output level at 15GHz
Figure 10. Typical IM3 level and Ids vs. single carrier output level at 16GHz
Figure 7. Typical IM3 level and Ids vs. single carrier output level at 13GHz
Figure 8. Typical IM3 level and Ids vs. single carrier output level at 14GHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com