Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6421 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # AMMP-6421
Description  13-16 GHz 1W Power Amplifi er in SMT Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMMP-6421 Datasheet(HTML) 2 Page - Broadcom Corporation.

  AMMP-6421 Datasheet HTML 1Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 2Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 3Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 4Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 5Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 6Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 7Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 8Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Electrical Specifications
1. Small/Large -signal data measured in a fully de-embedded test fixture form TA = 25°C.
2. Pre-assembly into package performance verified 100% on wafer.
3. This final package part performance is verified by a functional test correlated to actual performance at one or more
frequencies.
4. Specifications are derived from measurements in a 50 Ω test environment. Aspects of the amplifier performance may
be improved over a more narrow bandwidth by application of additional conjugate, linearity, or low noise (Гopt)
matching.
5. The Gain at P1dB tested at 13, 14.5 and 16 GHz guaranteed with measurement accuracy +/-1dB for Gain, +/-1.2dB for
P1dB at 13 GHz and +/-1.5dB for P1dB at 14.5 GHz and 16 GHz.
6. NF is measure on-wafer. Additional bond wires (-0.2nH) at Input could improve NF at some frequencies.
Table 1. RF Electrical Characteristics
TA=25°C, Vd=5.0V, Idq=0.6mA, Vg= +0.5V, Zo=50 Ω
13GHz
14.5GHz
16GHz
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Comment
Small Signal Gain, Gain
24
26
30
22
26
28
24
26
30
dB
Output Power at 1dBGain Compression, P1dB
27
29
26
29
25
29
dBm
Output Power at 3dBGain Compression, P3dB
30
30
30
dBm
Output Third Order Intercept Point, OIP3;
Point Δf= 2 MHz; Pout = +10 dBm, SCL
36
36
36
dBm
Min Reverse Isolation, Isolation
45
45
45
dB
Input Return Loss, Rlin
6
6
6
dB
Output Return Loss, RLout
8
8
8
dB
Table 2. Recommended Operating Range
1. Ambient operational temperature TA = 25°C unless otherwise noted.
2. Channel-to-backside Thermal Resistance (Tchannel (Tc) = 34°C) as measured using infrared microscopy. Thermal
Resistance at backside temperature (Tb) = 25°C calculated from measured data.
Description
Min.
Typical
Max.
Unit
Comments
Drain Supply Current, Id
600
mA
Vd = 5V, Vg set for typical Id(q) Typical
Gate Supply Voltage, Vg
0.5
V
Id(q) = 600mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com