Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6421 Datasheet(PDF) 10 Page - Broadcom Corporation.

Part # AMMP-6421
Description  13-16 GHz 1W Power Amplifi er in SMT Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMMP-6421 Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button AMMP-6421 Datasheet HTML 2Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 3Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 4Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 5Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 6Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 7Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 8Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 9Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 10Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2011 Avago Technologies. All rights reserved.
AV02-1678EN - October 14, 2011
Names and Contents of the Toxic and Hazardous Substances or Elements in the Products
Part Name
Lead
(Pb)
(Pb)
Mercury
(Hg)
Hg
Cadmium
(Cd)
Cd
Hexavalent
(Cr(VI))
Cr(VI)
Polybrominated
biphenyl (PBB)
PBB
Polybrominated
diphenylether (PBDE)
PBDE
100pF capacitor
: indicates that the content of the toxic and hazardous substance in all the homogeneous materials of the part is
below the concentration limit requirement as described in SJ/T 11363-2006.
: indicates that the content of the toxic and hazardous substance in at least one homogeneous material of the part
exceeds the concentration limit requirement as described in SJ/T 11363-2006.
(The enterprise may further explain the technical reasons for the “x” indicated portion in the table in accordance with
the actual situations.)
SJ/T 11363-2006
SJ/T 11363-2006
“×”
Note: EU RoHS compliant under exemption clause of “lead in electronic ceramic parts (e.g. piezoelectronic devices)”
Toxic and Hazardous Substances or Elements
AMMP-64xx Part Number Ordering Information
Part Number
Devices Per
Container
Container
AMMP-6421-BLKG
10
Antistatic bag
AMMP-6421-TR1G
100
7” Reel
AMMP-6421-TR2G
500
7” Reel
Package Dimension, PCB Layout and Tape and Reel information
Please refer to Avago Technologies Application Note 5521, AMxP-xxxx production Assembly Process (Land Pattern B).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com