Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6421 Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # AMMP-6421
Description  13-16 GHz 1W Power Amplifi er in SMT Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMMP-6421 Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button AMMP-6421 Datasheet HTML 2Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 3Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 4Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 5Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 6Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 7Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 8Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 9Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 10Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
5
5.5
6
6.5
7
7.5
8
Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
|Icomp(I_METER.AMP1,0)| (mA)
Diode_current
Figure 16. Typical ESD diode current versus diode voltage for 11-connected
diodes in series
Note:
1. 50O Resistor may need to
modify to obtain desired
quiescent drain current.
2. Vg can be connected either
pin-1 or pin-7.
3. Vd1 can be connected either
pin-2 or pin-6.
4. Vd2 must be connected
both sides (pin-3 and pin-5).
(a) Single positive bias operation
Figure 17. AMMP-6421 Schematic and recommended assemble example
(b) Dual positive bias operation
Note:
1. Vg=+0.5V
may
need
to
adjust to obtain desired
quiescent drain current.
2. Vg can be connected to
either pin-1 or pin-7.
3. Vd1 can be connected to
either pin-2 or pin-6.
4. Vd2 must be connected to
both sides (pin-3 and pin-5).
RF_INRF_OUT
Vd = 5V
>0.1 F
>0.1 F 100 pF
8
1
2
3
4
5
6
7
100 pF
100 pF
450
>0.1 F
50
RF_INRF_OUT
Vd = 5V
>0.1 F
>0.1 F100 pF
8
1
2
3
4
5
6
7
100 pF
100 pF
>0.1 F
Vg = 0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com