Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6421 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # AMMP-6421
Description  13-16 GHz 1W Power Amplifi er in SMT Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMMP-6421 Datasheet(HTML) 1 Page - Broadcom Corporation.

  AMMP-6421 Datasheet HTML 1Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 2Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 3Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 4Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 5Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 6Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 7Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 8Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AMMP-6421
13-16 GHz 1W Power Amplifier in SMT Package
Data Sheet
Description
The AMMP-6421 MMIC is a 1W power amplifier in a
surface mount package designed for use in transmit-
ters that operate at frequencies between 13GHz and
16GHz. Between 13GHz and 16GHz, it provides 29 dBm
of output power (P-1dB) and 26dB of small-signal gain.
This power amplifier is optimized for linear operation with
an output third order intercept point (OIP3) of +36dBm.
The AMMC-6421 is manufactured with Avago’s unique
enhancement mode 0.25
m GaAs PHEMT process
that eliminates the need for negative DC biasing.
Package Diagram
Features
 5x5mm SMT package
 One-watt saturated output power
 50  match on input and output
Typical Specifications (Vd=5V, Idsq=0.6A)
 Frequency range 13 to 16 GHz
 Small signal Gain of 26dB
 Output power @P-1 of 29dBm (Typ.)
 Input/Output return-loss of -6dB/-8dB
Applications
 Microwave Radio systems
 Satellite VSAT, Up/Down Link
 LMDS & Pt-Pt mmW Long Haul
 Broadband Wireless Access (including 802.16 and
802.20 WiMax)
 WLL and MMDS loops
Functional Block Diagram
Attention: Observe precautions for
handling electrostatic sensitive devices.
ESD Machine Model (Class A) = 50 V
ESD Human Body Model (Class 0) = 200 V
Refer to Avago Application Note A004R:
Electrostatic Discharge, Damage and Control.
Pin
Function
1Vg
2Vd1
3Vd2
4
RF_OUT
5Vd2
6Vd1
7Vg
8
RF_IN
8
1
2
3
4
5
6
7
RoHS-Exemption
Please refer to hazardous substances table on page 10.
12
3
75
6
4
8
RF IN
RF OUT
Vd1
Vg
Vd2
Vd1
Vg
Vd2
Note: MSL Rating = Level 2A


Similar Part No. - AMMP-6421

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6421 AVAGO-AMMP-6421 Datasheet
311Kb / 10P
13-16 GHz 1W Power Amplifi er in SMT Package
AMMP-6421-BLKG AVAGO-AMMP-6421-BLKG Datasheet
311Kb / 10P
13-16 GHz 1W Power Amplifi er in SMT Package
AMMP-6421-BLKG AVAGO-AMMP-6421-BLKG Datasheet
118Kb / 2P
Refer to Appendix A
AMMP-6421-TR1G AVAGO-AMMP-6421-TR1G Datasheet
311Kb / 10P
13-16 GHz 1W Power Amplifi er in SMT Package
AMMP-6421-TR1G AVAGO-AMMP-6421-TR1G Datasheet
118Kb / 2P
Refer to Appendix A
More results

Similar Description - AMMP-6421

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425 Datasheet
886Kb / 11P
18-28 GHz 1W Power Amplifier in SMT Package
AMMP-6421 AVAGO-AMMP-6421 Datasheet
311Kb / 10P
13-16 GHz 1W Power Amplifi er in SMT Package
AMMP-6425 AVAGO-AMMP-6425_13 Datasheet
277Kb / 9P
18-28 GHz 1W Power Amplifier in SMT Package
AMMP-6442 AVAGO-AMMP-6442 Datasheet
323Kb / 8P
37- 40 GHz, 1W Linear Power Amplifier in SMT Package
AMMC-6425 AVAGO-AMMC-6425_15 Datasheet
310Kb / 9P
18-28 GHz 1W Power Amplifi er MMIC
AMMP-6441 AVAGO-AMMP-6441 Datasheet
263Kb / 9P
36-40 GHz, 0.4W Power Amplifi er in SMT Package
logo
Broadcom Corporation.
AMGP-6445 BOARDCOM-AMGP-6445 Datasheet
146Kb / 9P
40.5 ??43.5 GHz SMT Packaged Linear Power Amplifi er
AMMP-6441 BOARDCOM-AMMP-6441 Datasheet
263Kb / 9P
36 - 40 GHz, 0.4W Power Amplifi er in SMT Package
AMMP-6425 BOARDCOM-AMMP-6425 Datasheet
277Kb / 9P
18-28 GHz 1W Power Amplifier in SMT Package
AMMC-6425 BOARDCOM-AMMC-6425 Datasheet
310Kb / 9P
18-28 GHz 1W Power Amplifi er MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com