Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1X06000GA-N1-R3 Datasheet(PDF) 40 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 40 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 36Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 37Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 38Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 39Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 40Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 41Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 42Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 43Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 44Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 118 page
background image
30
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
12. Operating Modes
12.1 Static-Bypass (Stop operation)
During power up the UPS starts up in Bypass mode except when:
•
Performing cold start operation.
•
Performing frequency conversion.
•
When input and output voltages are unequal causing bypass to be disabled.
If the UPS unit is severely overloaded or develops an internal fault, power flow is automatically switched
from the unit’s main circuit to the bypass circuit. Power flow through the bypass is shown in the following
illustration. This change-over occurs automatically in phase in less than one-quarter cycle of the input
waveform. The switching period is not long enough to cause interruptions to occur in most loads.
• If the power flow is transferred to the bypass circuit due to an internal fault the UPS will continue to
supply power to the load through the bypass and indicate a system fault message (see “16.3 System
Fault Messages” on page 49).
• If the power flow is transferred to the bypass circuit due to an overload condition (see “16.4 System
Warning Messages” on page 50), then the power flow will automatically transfer from the UPS’s
bypass circuit back to the inverter circuit after removing the overload if set to do so (Under
Setting >
Status Config & Ctl, set En AutoXfer to Enable).
NOTE: Bypass will be automatically disabled if the rated input and output voltages or frequencies are dif-
ferent.
12.2 On-Line (Run operation)
The following illustration shows circuit power flow when the UPS is operating normally in the Online Mode.
The UPS rectifier, including a boost chopper circuit, converts AC input power to DC power. The boost
chopper circuit maintains a constant voltage, with current limiting, for charging the batteries. The inverter
section generates a high quality sinusoidal output voltage. The unit’s batteries are always maintained in a
constantly charged state when the UPS is in the run operation mode.
FIGURE 12-1: POWER FLOW IN BYPASS FOR ALL MODELS
Output
Power
Line Filter
Inverter
*Static Switch
(Optional)
Auto-
Transformer
Input
Power
Input
Fuse
Power Flow
Bypass
* Switches are
solid state
devices.
MCCB
Output
Fuse
Batteries
+
–
Rectifier/
Chopper
Negative Bus
MOV Over-
current
Protection
Output
Power
Line Filter
Inverter
*Static Switch
(Optional)
Auto-
Transformer
Input
Power
Input
Fuse
Power Flow
Bypass
* Switches are
solid state
devices.
MCCB
Output
Fuse
Batteries
+
–
Rectifier/
Chopper
FIGURE 12-2: POWER FLOW IN ONLINE MODE FOR ALL MODELS
Negative Bus
MOV Over-
current
Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com