Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1X06000GA-N1-R3 Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 16 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 12Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 13Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 14Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 15Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 16Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 17Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 18Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 19Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 20Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 118 page
background image
6
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
Misuse of this equipment may result in human injury
and equipment damage. In no event will Toshiba
Corporation be responsible or liable for either
indirect or consequential damage or injury that may
result from the misuse of this equipment.
DO NOT dispose of the battery module in
a fire. The batteries inside may explode.
DO NOT open or mutilate the batteries. Released
electrolyte is harmful to the eyes and skin and could
also be toxic.
To be performed by
Qualified Personnel Only:
1. Verify that the UPS is off and that the power is disconnected from the power source.
2. Remove watches, rings or other metal objects.
3. Use tools with insulated handles to prevent inadvertent shorts.
4. Wear rubber safety gloves and boots.
5. DO NOT place tools or any metal parts on top of batteries.
6. Determine if the battery is inadvertently grounded. If inadvertently grounded, remove source of
ground.
Contact with any part of a grounded battery can result in
electrical shock.
The likelihood of shock will be reduced if such grounds are removed
prior to installation or maintenance.
CAUTION
CAUTION
CAUTION
WARNING
3.1 Qualified Personnel Only
Qualified personnel are those who have the skills and knowledge relating to the construction,
installation, operation, and maintenance of the electrical equipment and have received safety
training on the hazards involved (Refer to the latest edition of NFPA 70E for additional safety
requirements).
Qualified personnel shall:
1. Have read the entire operation manual.
2. Be trained and authorized to safely energize, de-energize, ground, lockout and tag circuits
and equipment, and clear faults in accordance with established safety practices.
3. Be trained in the proper care and use of protective equipment such as safety shoes, rubber
gloves, hard hats, safety glasses, face shields, flash clothing, etc., in accordance with
established safety practices.
4. Be trained in rendering first aid.
5. Be knowledgeable about batteries and their required handling and maintenance precautions.
For further information about workplace safety visit www.osha.gov.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com