Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1X06000GA-N1-R3 Datasheet(PDF) 97 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 97 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 93Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 94Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 95Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 96Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 97Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 98Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 99Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 100Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 101Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 118 page
background image
D-1
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
Appendix D: T1000 Packing Lists and Kit Contents
The T1000 can be ordered in many different configurations. Use the Part Number on your unit(s) to
check against the packing lists below. Notify your vendor immediately of any variances.
TABLE D-1: T1000 PACKAGE CONTENTS
UPS Module
Manual
Pack
Interconnect
Cables (see D.2.5)
Mounting Kit
Power Module (5.2 kVA)
T1P0A5200GXGL1
91075
(None)
Tower Cap: 1 per System
2 Modules - P/N 93177
3 Modules - P/N 93178
T1P0A5200GXGR3L1
91075
(None)
1 of installation Kit 92802.
Power Module (6 kVA)
T1P0A6000GXG
91075
(None)
Tower Cap: 1 per System
2 Modules - P/N 93177
3 Modules - P/N 93178
T1P0A6000GXGR3
91075
(None)
1 of installation Kit 92802.
Battery Module 1
T1B06000005
91075
1 ea. 92855 - Batt. DC to Pwr Module DC
(See Tower Pwr Module)
T1B06000005P1
91075
1 ea. 92855 - Batt. DC to Pwr Module DC
1 ea. 92858 - Pwr Module L6-30 Out to
Batt. Panel Anderson Input (240V)
T1B06000005P2
91075
1 ea. 92855 - Batt. DC to Pwr Module DC
1 ea. 92858 - Pwr Module L6-30 Out to
Batt. Panel Anderson Input (240V)
T1B06000005R3
91075
1 ea. 92855 - Batt. DC to Pwr Module DC
1 of installation Kit 92802.
T1B06000005R3P1
91075
1 ea. 92855 - Batt. DC to Pwr Module DC
1 ea. 92858 - Pwr Module L6-30 Out to
Batt. Panel Anderson Input (240V)
T1B06000005R3P2
91075
1 ea. 92855 - Batt. DC to Pwr Module DC
1 ea. 92858 - Pwr Module L6-30 Out to
Batt. Panel Anderson Input (240V)
Battery Module 2
T1B06000005
91075
1 ea. 92855 - Batt. Module 1 DC to Batt
Module 2 DC
(See Tower Pwr Module)
T1B06000005R3
91075
1 ea. 92855 - Batt. Module 1 DC to Batt
Module 2 DC
1 of installation Kit 92802.
Transformer Module
T1X06000GA-N1
91075
1 ea. 92858 - 240V Anderson to L6-30P
1 ea. 92883 - 208V Anderson to L6-30P
(See Tower Pwr Module)
T1X06000GA-N1-R3
91075
1 ea. 92858 - 240V Anderson to L6-30P
1 ea. 92883 - 208V Anderson to L6-30P
1 of installation Kit 92802.
Inter-Module Cabling Identification
92855 - Pwr Module “EXT. BATTERY” to BC1 CN12A- DC/Thermistor Connector
92858 - Power Module L6-30 Output to Batt. Module Receptacle Panel or Xfmr Module (240V tap)
92883 - Power Module L6-30 Output to Xfmr Module Input (208V tap)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com