Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1X06000GA-N1-R3 Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 17Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 18Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 19Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 20Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 21Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 22Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 23Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 24Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 118 page
background image
11
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
6.2 System Installation
The T1000 Series Power (UPS) module, optional Battery module(s), and optional Transformer module can
be purchased in either a rackmount or tower configuration. All three modules are a standard 3U (3 Rack
Units) tall, and fit a standard 19 in. rack.
TOWER CONFIGURATION:
In the tower configuration, the orientation of the modules are rotated 90 degrees counter-clockwise,
placing the ventilation openings on the bottom. A slip-on Tower Cap is used to provide physical stability
for systems of two or more tower modules, including tower systems with optional casters. (Figure 6-5)
•
OPTIONAL: TOWER CAPS
Each 2-Module tower system comes with a Tower Cap that helps maintain physical tower stability.
Optional 3-Module Tower Caps are available for larger systems.
•
OPTIONAL: CASTERS
An optional caster kit may also be purchased with each module to facilitate relocating the system
before and after installation.
RACKMOUNT CONFIGURATION:
Each rackmount configuration module ships with a
4-Post
Rack Fixed Mounting Kit, P/N 92802, for mounting the
module in a standard 19 inch rack.
Other rack mounting kit configurations are available: (Fig-
ure 6-6)
•
OPTIONAL: 2-POST RACK FIXED MOUNTING KIT
Hardware for mounting system modules in a standard
19 inch 2-post rack. See Appendix E.
•
OPTIONAL: 4-POST RACK SLIDE MOUNTING KIT
Hardware for mounting system modules in a standard
19 inch 4-post rack with fully extending slide rails. See
Appendix E.
•
OPTIONAL: 2-POST RACK SLIDE MOUNTING KIT
Hardware for mounting system modules in a standard
19 inch 2-post rack with fully extending slide rails. See
Appendix E.
4-POST RACK
FIXED INST.
TOWER WITH CAP
TOWER WITH CAP AND CASTERS
FIGURE 6-5: TOWER
INSTALLATION OPTIONS
2-POST RACK
WITH SLIDES
4-POST RACK
WITH SLIDES
2-POST RACK
FIXED INST.
FIGURE 6-6: RACK
INSTALLATION OPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com