Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1X06000GA-N1-R3 Datasheet(PDF) 65 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 65 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 61Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 62Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 63Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 64Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 65Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 66Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 67Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 68Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 69Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 118 page
background image
55
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
UPS BATTERY REPLACEMENT
BATT AMB TEMP*
AVERAGE LIFETIME
68 – 77 °F (20 – 25 °C)
Approximately 5 yrs.
86 °F (30 °C)
Approximately 3.5 yrs.
95 °F (35 °C)
Approximately 2.5 yrs.
104 °F (40 °C)
Approximately 1.8 yrs.
113 °F (45 °C)
Approximately 1.25 yrs.
* Continual operation at ambient temperatures above 25 °C will degrade the battery life.
18. Shipping Weights/Dimensions
18.1 Unit and Shipping Weights
Unit
Part Number
Unit Weight1
Shipping Weight1
Pounds
Kilograms Pounds Kilograms
Power Module (Rack) 5.2kVA
Power Module (Tower) 5.2kVA
T1P0A5200GXGR3L1
T1P0A5200GXGL1
63
63
28.6
28.6
92
92
41.7
41.7
Power Module (Rack) 6kVA
Power Module (Tower) 6kVA
T1P0A6000GXGR3
T1P0A6000GXG
63
63
28.6
28.6
92
92
41.7
41.7
Battery Module (Rack)
Battery Module (Tower)
T1B06000005R3
T1B06000005
147
147
66.7
66.7
176
176
79.8
79.8
Battery Mod. w/ Panel Option
(Rack)
(Tower)
T1B06000005R3Px
T1B06000005Px
149
149
67.7
67.7
178
178
80.8
80.8
Transformer Module (Rack)
Transformer Module (Tower)
T1X06000GA-N1-R3
T1X06000GA-N1
76
76
34.5
34.5
105
105
47.6
47.6
1.
Subject to change without notice.
18.2 Shipping Dimensions
All modules are individually palletized. The module/pallet assembly measurement are
shown in the table below:
Shipping Dimensions
Height
Width
Depth
Palletized Module
(5.2 & 6 kVA)
16.5 in.
(491 mm)
24 in.
(610 mm)
34 in.
(864 mm)
Module packaging
(without pallet)
11 in.
(279 mm)
23 in.
(584 mm)
32.75 in.
(832 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com